Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1825CG223B201 Fiches technique(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

No de pièce ST1825CG223B201
Description  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST1825CG223B201 Fiches technique(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  ST1825CG223B201 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST1825CG223B201 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIELECTRIC
X7R
SIZE
1812
1825
2220
2225
RATED VOLTAGE
(VDC)
100 200 250 500 630 100 200 250 500 630 100 200 250 500 630 100 200 250 500 630
100pF (101)
120pF (121)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
2,700pF (272)
3,300pF (332)
3,900pF (392)
4,700pF (472)
5,600pF (562)
6,800pF (682)
8,200pF (822)
0.010µF (103)
0.012µF (123)
0.015µF (153)
0.018µF (183)
0.022µF (223)
0.027µF (273)
0.033µF (333)
0.039µF (393)
0.047µF (473)
0.056µF (563)
0.068µF (683)
0.082µF (823)
0.10µF (104)
0.12µF (124)
0.15µF (154)
0.18µF (184)
0.22µF (224)
0.27µF (274)
0.33µF (334)
0.39µF (394)
0.47µF (474)
0.56µF (564)
0.68µF (684)
0.82µF (824)
1.0µF (105)
1.2µF (125)
1.5µF (155)
1.8µF (185)
2.2µF (225)
2.7µF (275)
3.3µF (335)
3.9µF (395)
4.7µF (475)
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
Rev.7


Numéro de pièce similaire - ST1825CG223B201

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
Vishay Siliconix
ST1800-25T4MI VISHAY-ST1800-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1802FH STMICROELECTRONICS-ST1802FH Datasheet
82Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST1802FX STMICROELECTRONICS-ST1802FX Datasheet
178Kb / 10P
   HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR
ST1802HI STMICROELECTRONICS-ST1802HI Datasheet
68Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Description similaire - ST1825CG223B201

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com