Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8031 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD8031
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8031 Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD8031 Datasheet HTML 8Page - Analog Devices AD8031 Datasheet HTML 9Page - Analog Devices AD8031 Datasheet HTML 10Page - Analog Devices AD8031 Datasheet HTML 11Page - Analog Devices AD8031 Datasheet HTML 12Page - Analog Devices AD8031 Datasheet HTML 13Page - Analog Devices AD8031 Datasheet HTML 14Page - Analog Devices AD8031 Datasheet HTML 15Page - Analog Devices AD8031 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8031/AD8032
–14–
REV. B
APPLICATIONS
A 2 MHz Single Supply Biquad Bandpass Filter
Figure 42 shows a circuit for a single supply biquad bandpass
filter with a center frequency of 2 MHz. A 2.5 V bias level is
easily created by connecting the noninverting inputs of all three
op amps to a resistor divider consisting of two 1 k
Ω resistors
connected between +5 V and ground. This bias point is also
decoupled to ground with a 0.1
µF capacitor. The frequency
response of the filter is shown in Figure 43.
In order to maintain an accurate center frequency, it is essential
that the op amp has sufficient loop gain at 2 MHz. This requires
the choice of an op amp with a significantly higher unity gain
crossover frequency. The unity gain crossover frequency of the
AD8031/AD8032 is 40 MHz. Multiplying the open-loop gain by
the feedback factors of the individual op amp circuits yields the
loop gain for each gain stage. From the feedback networks of the
individual op amp circuits, we can see that each op amp has a
loop gain of at least 21 dB. This level is high enough to ensure
that the center frequency of the filter is not affected by the op
amp’s bandwidth. If, for example, an op amp with a gain band-
width product of 10 MHz was chosen in this application, the
resulting center frequency would shift by 20% to 1.6 MHz.
+5V
0.1 F
0.1 F
VIN
R2
2k
1k
1k
AD8031
C1
50pF
R1
3k
R3
2k
+5V
0.1 F
R4
2k
1/2
AD8032
R5
2k
VOUT
1/2
AD8032
C2
50pF
R6
1k
Figure 42. A 2 MHz Biquad Bandpass Filter Using AD8031/
AD8032
1M
FREQUENCY – Hz
10k
100M
100k
10M
–50
0
–10
–30
–40
–20
Figure 43. Frequency Response of 2 MHz Bandpass Filter
High Performance Single Supply Line Driver
Even though the AD8031/AD8032 swing close to both rails,
the AD8031 has optimum distortion performance when the
signal has a common-mode level half way between the supplies
and when there is about 500 mV of headroom to each rail. If
low distortion is required in single supply applications for sig-
nals that swing close to ground, an emitter follower circuit can
be used at the op amp output.
+5V
0.1 F
7
3
2
2N3904
200
VOUT
6
2.49k
49.9
4
10 F
AD8031
VIN
2.49k
49.9
49.9
Figure 44. Low Distortion Line Driver for Single Supply
Ground Referenced Signals


Numéro de pièce similaire - AD8031

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8031 AD-AD8031 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031 AD-AD8031 Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD8031AN AD-AD8031AN Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031ANZ AD-AD8031ANZ Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031ANZ AD-AD8031ANZ Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
More results

Description similaire - AD8031

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com