Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST0603CG8R2G101 Datasheet(Fiches technique) 3 Page - MERITEK ELECTRONICS CORPORATION

Numéro de pièce ST0603CG8R2G101
Description  Soft Termination Multilayer Ceramic Chip Capacitors
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST0603CG8R2G101 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  ST0603CG8R2G101 Datenblatt HTML 1Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 2Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 4Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 5Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 6Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 7Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 8Page - MERITEK ELECTRONICS CORPORATION ST0603CG8R2G101 Datenblatt HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIELECTRIC
NP0
SIZE
1206
RATED VOLTAGE (VDC)
100
200
250
500
630
0.5pF (0R5)
1.0pF (1R0)
1.2pF (1R2)
1.5pF (1R5)
1.8pF (1R8)
2.2pF (2R2)
2.7pF (2R7)
3.3pF (3R3)
3.9pF (3R9)
4.7pF (4R7)
5.6pF (5R6)
6.8pF (6R8)
8.2pF (8R2)
10pF (100)
12pF (120)
15pF (150)
18pF (180)
22pF (220)
27pF (270)
33pF (330)
39pF (390)
47pF (470)
56pF (560)
68pF (680)
82pF (820)
100pF (101)
120pF (121)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
2,700pF (272)
3,300pF (332)
3,900pF (392)
4,700pF (472)
5,600pF (562)
6,800pF (682)
8,200pF (822)
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
CAPACITANCE RANGE
Rev.7


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn