Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8005 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8005
Description  270 MHz, 400 uA Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8005 Fiches technique(HTML) 5 Page - Analog Devices

  AD8005 Datasheet HTML 1Page - Analog Devices AD8005 Datasheet HTML 2Page - Analog Devices AD8005 Datasheet HTML 3Page - Analog Devices AD8005 Datasheet HTML 4Page - Analog Devices AD8005 Datasheet HTML 5Page - Analog Devices AD8005 Datasheet HTML 6Page - Analog Devices AD8005 Datasheet HTML 7Page - Analog Devices AD8005 Datasheet HTML 8Page - Analog Devices AD8005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Characteristics–AD8005
–5–
REV. A
FREQUENCY – MHz
1
500
10
100
1
5
3
2
0
–1
–2
–3
–4
–5
4
G = +1
VS = 5V
VOUT = 200mV p-p
RL = 1k
G = +2
G = +10
RF = 499
Figure 4. Frequency Response; G = +1, +2, +10; VS = ±5 V
FREQUENCY – MHz
0.1
5.9
6.2
6.1
6.0
5.8
5.7
5.6
5.5
5.4
5.2
5.3
500
10
100
1
G = +2
VOUT = 200mV p-p
RL = 1k
Figure 5. Gain Flatness; G = +2; VS = ±5 V or +5 V
FREQUENCY – MHz
1
500
10
100
4
–1
6
5
3
2
1
0
–2
7
VS = 5V
VOUT = 4V p-p
VS = 5V
VOUT = 2V p-p
Figure 6. Large Signal Frequency Response;
G = +2, RL = 1 kΩ
FREQUENCY – MHz
1
500
10
100
4
–4
–3
5
3
2
1
0
–5
–2
–1
G = –1
RF = 1.5k
VS = 5V
VOUT = 200mV p-p
RL = 1k
G = –10
RF = 1k
Figure 7. Frequency Response; G = –1, –10; VS = ±5 V
PHASE
FREQUENCY – Hz
120
100
0
60
40
20
80
140
1k
100M
10k
100k
1M
10M
1G
–40
–80
–280
–160
–200
–240
–120
0
GAIN
Figure 8. Transimpedance Gain and Phase vs. Frequency
FREQUENCY – MHz
0.5
100
110
9
1
2
10
8
7
6
5
0
3
4
VS = +5V
G = +2
RL = 1k
Figure 9. Output Swing vs. Frequency; VS = ±5 V


Numéro de pièce similaire - AD8005

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8005AN AD-AD8005AN Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR AD-AD8005AR Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL7 AD-AD8005AR-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ART-REEL AD-AD8005ART-REEL Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
More results

Description similaire - AD8005

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com