Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7896AR Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7896AR
Description  2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7896AR Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7896AR Datasheet HTML 4Page - Analog Devices AD7896AR Datasheet HTML 5Page - Analog Devices AD7896AR Datasheet HTML 6Page - Analog Devices AD7896AR Datasheet HTML 7Page - Analog Devices AD7896AR Datasheet HTML 8Page - Analog Devices AD7896AR Datasheet HTML 9Page - Analog Devices AD7896AR Datasheet HTML 10Page - Analog Devices AD7896AR Datasheet HTML 11Page - Analog Devices AD7896AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7896
REV. B
–11–
Dynamic Performance (Mode 1 Only)
With a combined conversion and acquisition time of 9.5
µs, the
AD7896 is ideal for wide bandwidth signal processing applica-
tions. These applications require information on the ADC’s ef-
fect on the spectral content of the input signal. Signal to (Noise
+ Distortion), Total Harmonic Distortion, Peak Harmonic or
Spurious Noise and Intermodulation Distortion are all specified.
Figure 11 shows a typical FFT plot of a 10 kHz, 0 V to +3.3 V
input after being digitized by the AD7896 operating at a
102.4 kHz sampling rate. The Signal to (Noise + Distortion)
Ratio is 71.5 dB and the Total Harmonic Distortion is –83 dB.
–0
–120
51200
–60
–100
10240
–80
0
–20
–40
40960
30720
20480
F
SAMPLE = 102.4 kHz
F
IN = 10kHz
SNR = 71.54dB
THD = –82.43dB
FREQUENCY – Hz
Figure 11. AD7896 FFT Plot
Effective Number of Bits
The formula for Signal to (Noise + Distortion) Ratio (See Ter-
minology section) is related to the resolution or number of bits
in the converter. Rewriting the formula, below, gives a measure
of performance expressed in effective number of bits (N):
N = (SNR 1.76)/6.02
where SNR is Signal to (Noise + Distortion) Ratio.
The effective number of bits for a device can be calculated from
its measured Signal to (Noise + Distortion) Ratio. Figure 12
shows a typical plot of effective number of bits versus frequency
for the AD7896 from dc to fSAMPLING/2. The sampling fre-
quency is 102.4 kHz. The plot shows that the AD7896 converts
an input sine wave of 51.2 kHz to an effective numbers of bits of
11.25 which equates to a Signal to (Noise + Distortion) level
of 69 dB.
12.00
0
51.2
25.6
11.75
11.50
11.25
11.00
INPUT FREQUENCY – kHz
Figure 12. Effective Number of Bits vs. Frequency
Power Considerations
In the automatic power-down mode then the part may be oper-
ated at a sample rate which is considerably less than 100 kHz. In
this case the power consumption will be reduced and will de-
pend on the sample rate. Figure 13 shows a graph of the power
consumption versus sampling rates from 10 Hz to 1 kHz in the
automatic power-down mode. The conditions are 2.7 V supply
25
°C, serial clock frequency of 8.33 MHz and the data was read
after conversion.
200
0
1000
120
40
100
80
10
160
SAMPLING RATE IN Hz
F
SCLK = 8.33 MHz
Figure 13. Power vs. Sample Rate in Auto Power-Down
Mode


Numéro de pièce similaire - AD7896AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7896AR AD-AD7896AR Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896AR AD-AD7896AR Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896AR-REEL AD-AD7896AR-REEL Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896AR-REEL AD-AD7896AR-REEL Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896ARZ AD-AD7896ARZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
More results

Description similaire - AD7896AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7896 AD-AD7896_15 Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8s ADC in 8-Lead SOIC/PDIP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com