Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7875TQ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7875TQ
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7875TQ Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7875TQ Datasheet HTML 5Page - Analog Devices AD7875TQ Datasheet HTML 6Page - Analog Devices AD7875TQ Datasheet HTML 7Page - Analog Devices AD7875TQ Datasheet HTML 8Page - Analog Devices AD7875TQ Datasheet HTML 9Page - Analog Devices AD7875TQ Datasheet HTML 10Page - Analog Devices AD7875TQ Datasheet HTML 11Page - Analog Devices AD7875TQ Datasheet HTML 12Page - Analog Devices AD7875TQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–9–
functions. Serial data is available during conversion with a word
length of 16 bits; four leading zeros, followed by the 12-bit con-
version result starting with the MSB. The data is synchronized
to the serial clock output (SCLK) and framed by the serial
strobe (
SSTRB). Data is clocked out on a low to high transition
of the serial clock and is valid on the falling edge of this clock
while the
SSTRB output is low. SSTRB goes low within three
clock cycles after
CONVST, and the first serial data bit (the first
leading zero) is valid on the first falling edge of SCLK. All three
serial lines are open-drain outputs and require external pull-up
resistors.
The serial clock out is derived from the ADC clock source,
which may be internal or external. Normally, SCLK is required
during the serial transmission only. In these cases, it can be shut
down at the end of conversion to allow multiple ADCs to share
a common serial bus. However, some serial systems (e.g.,
TMS32020) require a serial clock that runs continuously. Both
options are available on the AD7870/AD7875/AD7876 using
the 12/
8/CLK input. With this input at –5 V, the serial clock
(SCLK) runs continuously; when 12/
8/CLK is at 0 V, SCLK is
turned off at the end of transmission.
MODE 1 INTERFACE
Conversion is initiated by a low going pulse on the
CONVST
input. The rising edge of this
CONVST pulse starts conversion
and drives the track/hold amplifier into its hold mode. Conver-
sion will not be initiated if the
CS is low. The BUSY/INT status
output assumes its
INT function in this mode. INT is normally
high and goes low at the end of conversion. This
INT line can
be used to interrupt the microprocessor. A read operation to the
ADC accesses the data and the
INT line is reset high on the fall-
ing edge of
CS and RD. The CONVST input must be high
when
CS and RD are brought low for the ADC to operate cor-
rectly in this mode. The
CS or RD input should not be hard-
wired low in this mode. Data cannot be read from the part
during conversion because the on-chip latches are disabled
when conversion is in progress. In applications where precise
sampling is not critical, the
CONVST pulse can be generated
from a microprocessor
WR line OR-gated with a decoded ad-
dress. In some applications, depending on power supply turn-on
time, the AD7870/AD7875/AD7876 may perform a conversion
on power-up. In this case, the
INT line will power-up low and a
dummy read to the AD7870/AD7875/AD7876 will be required
to reset the
INT line before starting conversion.
Figure 9 shows the Mode 1 timing diagram for a 12-bit parallel
data output format (12/
8/CLK = +5 V). A read to the ADC at
the end of conversion accesses all 12 bits of data at the same
time. Serial data is not available for this data output format.
Figure 9. Mode 1 Timing Diagram, 12-Bit Parallel Read
OFFSET AND FULL-SCALE ADJUSTMENT—AD7875
Similar to the AD7870, most of the DSP applications in which
the AD7875 will be used will not require offset and full-scale
adjustment. For applications that do require adjustment, offset
error must be adjusted before full-scale (gain) error. This is
achieved by applying an input voltage of 0.61 mV (1/2 LSB) to
V1 in Figure 8 and adjusting the op amp offset voltage until the
ADC output code flickers between 0000 0000 0000 and 0000
0000 0001. For full-scale adjustment, apply an input voltage of
4.9982 V (FS – 3/2 LSBs) to V1 and adjust R2 until the ADC
output code flickers between 1111 1111 1110 and 1111 1111
1111.
TIMING AND CONTROL
The AD7870/AD7875/AD7876 is capable of two basic operating
modes. In the first mode (Mode 1), the
CONVST line is used to
start conversion and drive the track/hold into its hold mode. At
the end of conversion the track/hold returns to its tracking mode.
It is intended principally for digital signal processing and other
applications where precise sampling in time is required. In these
applications, it is important that the signal sampling occurs at ex-
actly equal intervals to minimize errors due to sampling uncer-
tainty or jitter. For these cases, the
CONVST line is driven by a
timer or some precise clock source.
The second mode is achieved by hard-wiring the
CONVST line
low. This mode (Mode 2) is intended for use in systems where
the microprocessor has total control of the ADC, both initiating
the conversion and reading the data.
CS starts conversion and
the microprocessor will normally be driven into a WAIT state
for the duration of conversion by
BUSY/INT.
DATA OUTPUT FORMATS
In addition to the two operating modes, the AD7870/AD7875/
AD7876 also offers a choice of three data output formats, one
serial and two parallel. The parallel data formats are a single,
12-bit parallel word for 16-bit data buses and a two-byte format
for 8-bit data buses. The data format is controlled by the 12/
8/
CLK input. A logic high on this pin selects the 12-bit parallel
output format only. A logic low or –5 V applied to this pin al-
lows the user access to either serial or byte formatted data.
Three of the pins previously assigned to the four MSBs in paral-
lel form are now used for serial communications while the
fourth pin becomes a control input for the byte-formatted data.
The three possible data output formats can be selected in either
of the modes of operation.
Parallel Output Format
The two parallel formats available on the part are a 12-bit wide
data word and a two-byte data word. In the first, all 12 bits of
data are available at the same time on DB11 (MSB) through
DB0 (LSB). In the second, two reads are required to access the
data. When this data format is selected, the DB11/HBEN pin
assumes the HBEN function. HBEN selects which byte of data
is to be read from the ADC. When HBEN is low, the lower
eight bits of data are placed on the data bus during a read op-
eration; with HBEN high, the upper four bits of the 12-bit word
are placed on the data bus. These four bits are right justified
and thereby occupy the lower nibble of data while the upper
nibble contains four zeros.
Serial Output Format
Serial data is available on the AD7870/AD7875/AD7876 when
the 12/
8/CLK input is at 0 V or –5 V and in this case the DB10/
SSTRB, DB9/SCLK and DB8/SDATA pins assume their serial


Numéro de pièce similaire - AD7875TQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7875TQ AD-AD7875TQ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
More results

Description similaire - AD7875TQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com