Moteur de recherche de fiches techniques de composants électroniques |
|
KMOC3083S Fiches technique(PDF) 3 Page - COSMO Electronics Corporation |
|
KMOC3083S Fiches technique(HTML) 3 Page - COSMO Electronics Corporation |
3 / 6 page PRODUCT SPECIFICATION DATE:05/05/2011 NO.61P42002 cosmo ELECTRONICS CORPORATION Photocoupler: KMOC3083S SHEET 3 OF 6 REV. 5 Absolute Maximum Ratings Parameter Symbol Rating Unit Forward current IF 50 mA Peak forward current IFM 1 A Reverse voltage VR 6 V Input Power dissipation PD 70 mW Off-State Output Terminal voltage VDRM 800 VPEAK On-State R.M.S. Current IT(RMS) 100 mA Peak Repetitive Surge Current (PW=10ms.DC 10%) ITSM 1 A Output Power dissipation PD 300 mW Total power dissipation Ptot 330 mW Isolation voltage 1 minute Viso 5000 Vrms Operating temperature Topr -40 to +100 ℃ Storage temperature Tstg -50 to +125 ℃ Soldering temperature 10 second Tsol 260 ℃ Electro-optical Characteristics Parameter Symbol Conditions Min. Typ. Max. Unit Forward voltage VF IF=10mA - 1.2 1.4 V Input Reverse current IR VR=4V - - 10 uA Peak Blocking Current IDRM VDRM=800V - - 500 nA Output ON-State Voltage VTM ITM=100mA - 1.8 3 V Holding Current IH - 0.1 - mA Critical rate of rise of OFF-state voltage dV/dt VDRM=(1/ 2 )*Rated 600 - - V/uS Inhibit Voltage (MT1-MT2 Voltage above which device not trigger.) VINH IF=5mA - 10 20 V Leakage in Inhibited State IDRM2 IF=Rated IFT, Rated VDRM, Off State - - 500 uA Isolation resistance Riso DC500V 5x10 10 10 11 - Ohm Tranfer charac- teristics Minimum trigger current IFT Main Terminal Voltage=3V - - 5 mA |
Numéro de pièce similaire - KMOC3083S |
|
Description similaire - KMOC3083S |