Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7874AN Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7874AN
Description  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7874AN Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7874AN Datasheet HTML 3Page - Analog Devices AD7874AN Datasheet HTML 4Page - Analog Devices AD7874AN Datasheet HTML 5Page - Analog Devices AD7874AN Datasheet HTML 6Page - Analog Devices AD7874AN Datasheet HTML 7Page - Analog Devices AD7874AN Datasheet HTML 8Page - Analog Devices AD7874AN Datasheet HTML 9Page - Analog Devices AD7874AN Datasheet HTML 10Page - Analog Devices AD7874AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7874
REV. C
–7–
FS
2
FS=20V
1LSB =
4096
FS
OUTPUT
CODE
0V
INPUT VOLTAGE
011...111
011...110
000...010
000...001
000...000
111...111
111...110
100...001
100...000
FS
+
2
1LSB
Figure 5. Input/Output Transfer Function
OFFSET AND FULL-SCALE ADJUSTMENT
In most Digital Signal Processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale error effect is linear and does not cause
problems as long as the input signal is within the full dynamic
range of the ADC. Invariably, some applications will require
that the input signal span the full analog input dynamic range.
In such applications, offset and full-scale error will have to be
adjusted to zero.
Figure 6 shows a circuit which can be used to adjust the offset
and full-scale errors on the AD7874 (Channel 1 is shown for ex-
ample purposes only). Where adjustment is required, offset er-
ror must be adjusted before full-scale error. This is achieved by
trimming the offset of the op amp driving the analog input of
the AD7874 while the input voltage is a 1/2 LSB below analog
ground. The trim procedure is as follows: apply a voltage of
–2.44 mV (–1/2 LSB) at V1 in Figure 6 and adjust the op amp
offset voltage until the ADC output code flickers between 1111
1111 1111 and 0000 0000 0000.
V1
R1
10k
R2
500
R3
10k
V
IN1
AGND
AD7874*
*ADDITIONAL PINS OMITTED FOR CLARITY
INPUT
RANGE =
±10V
10k
R5
10k
R4
Figure 6. AD7874 Full-Scale Adjust Circuit
Gain error can be adjusted at either the first code transition
(ADC negative full scale) or the last code transition (ADC posi-
tive full scale). The trim procedures for both cases are as
follows:
Positive Full-Scale Adjust
Apply a voltage of +9.9927 V (FS/2 – 3/2 LSBs) at V1. Adjust
R2 until the ADC output code flickers between 0111 1111 1110
and 0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of –9.9976 V ( –FS + 1/2 LSB) at V1 and adjust
R2 until the ADC output code flickers between 1000 0000 0000
and 1000 0000 0001.
An alternative scheme for adjusting full-scale error in systems
which use an external reference is to adjust the voltage at the
REF IN pin until the full-scale error for any of the channels is
adjusted out. The good full-scale matching of the channels will
ensure small full-scale errors on the other channels.
TIMING AND CONTROL
Conversion is initiated on the AD7874 by asserting the
CONVST
input. This CONVST input is an asynchronous input
which is independent of the ADC clock. This is essential for
applications where precise sampling in time is important. In
these applications, the signal sampling must occur at exactly
equal intervals to minimize errors due to sampling uncertainty
or jitter. In these cases, the CONVST input is driven from a
timer or precise clock source. Once conversion is started,
CONVST
should not be asserted again until conversion is com-
plete on all four channels.
In applications where precise time interval sampling is not criti-
cal, the CONVST pulse can be generated from a microproces-
sor WRITE or READ line gated with a decoded address
(different to the AD7874 CS address). CONVST should not be
derived from a decoded address alone because very short
CONVST
pulses (which may occur in some microprocessor sys-
tems as the address bus is changing at the start of an instruction
cycle) could initiate a conversion.
All four track/hold amplifiers go from track to hold on the rising
edge of the CONVST pulse. The four track/hold amplifiers re-
main in their hold mode while all four channels are converted.
The rising edge of CONVST also initiates a conversion on the
Channel 1 input voltage (VIN1). When conversion is complete
on Channel 1, its result is stored in Data Register 1, one of four
on-chip registers used to store the conversion results. When the
result from the first conversion is stored, conversion is initiated
on the voltage held by track/hold 2. When conversion has been
completed on the voltage held by track/hold 4 and its result is
stored in Data Register 4, INT goes low to indicate that the
conversion process is complete.
The sequence in which the channel conversions takes place is
automatically taken care of by the AD7874. This means that the
user does not have to provide address lines to the AD7874 or
worry about selecting which channel is to be digitized.
Reading data from the device consists of four read operations to
the same microprocessor address. Addressing of the four
on-chip data registers is again automatically taken care of by the
AD7874.


Numéro de pièce similaire - AD7874AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874AN AD-AD7874AN Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results

Description similaire - AD7874AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com