Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3061S Fiches technique(PDF) 5 Page - COSMO Electronics Corporation

No de pièce KMOC3061S
Description  Zero Crossing Optoisolators TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3061S Fiches technique(HTML) 5 Page - COSMO Electronics Corporation

  KMOC3061S_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3061S_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3061S_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3061S_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3061S_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3061S_11 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.61P42003
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3061S
SHEET 5 OF 6
REV.
4
Fig.7 On-State Characteristics
Fig.8 Inhibit Voltage vs. Temperature
-400
-3
0
-2
-1
+1
+2
+3
+300
-300
-200
-100
0
+100
+200
Output Pulse Width 80us
I =30mA,f=60Hz,Ta=25°C
+400
F
20
0.9
0.7
0.8
0.6
0
-20
-40
1.4
1.3
1.2
1.1
1.0
40
80
60
Normalized to Ta=25°C
100
On-State Voltage (V)
Ambient Temperature Ta(℃)
Fig.9 Leakage with LED off vs.
Ambient Temperature
Fig.10 IDRM2 ,Leakage in Inhibit
State vs. Temperature
100
80
40
020
-20
-40
60
I =0,V
=Rated
5
10
20
100
50
200
F
DRM
500
1.4
20
-40
-20
0
1.3
1.2
1.1
0.7
0.8
0.6
0.9
1
40
60
80
IF=RATED IFT
1.5
100
Ambient Temperature Ta(℃)
Ambient Temperature Ta(℃)
Fig.11 Trigger Current vs.
Ambient Temperature
Normalized To Ta=25°C
80
1.2
-20
0.5
-40
0.3
0.4
0.9
0.7
0.6
0.8
1.0
1.1
020
40
60
1.6
1.4
1.3
1.5
100
Ambient Temperature Ta(℃)


Numéro de pièce similaire - KMOC3061S_11

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3061S COSMO-KMOC3061S Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Description similaire - KMOC3061S_11

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3041S COSMO-KMOC3041S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3042 COSMO-KMOC3042_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3043S COSMO-KMOC3043S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3062H COSMO-KMOC3062H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3011S COSMO-KMOC3011S Datasheet
76Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3082S COSMO-KMOC3082S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com