Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3023H Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce KMOC3023H
Description  Optoisolators TRIAC Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3023H Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3023H Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3023H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3023H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3023H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3023H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3023H Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.62P41003
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3023H
SHEET 1 OF 6
REV.
4
Optoisolators TRIAC Driver Output
(400V Volts Peak)
Features
1. Compact long creepage distance type package.
2. 400V peak blocking voltage.
3. Isolation voltage between input and output (Viso:5000Vrms).
For 115/240 Vac(rms) Application:
1. Solenoid/Valve Controls.
2. Lighting Controls.
3. Static Power Switches.
4. AC Motor Drives.
5. Temperature Controls.
6. E.M. Contactors.
7. AC Motor Starters.
8. Solid State Relays.
9. Programmable controllers.


Numéro de pièce similaire - KMOC3023H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3023H COSMO-KMOC3023H Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3023H COSMO-KMOC3023H Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Description similaire - KMOC3023H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022S COSMO-KMOC3022S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3023S COSMO-KMOC3023S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3023 COSMO-KMOC3023 Datasheet
351Kb / 2P
   OPTOISOLATORS TRIAC DRIVER OUTPUT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com