Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQY214H Fiches technique(PDF) 3 Page - COSMO Electronics Corporation

No de pièce KAQY214H
Description  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY214H Fiches technique(HTML) 3 Page - COSMO Electronics Corporation

  KAQY214H_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY214H_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY214H_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY214H_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY214H_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY214H_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY214H_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT SPECIFICATION
R
Ro
oH
HS
S C
Co
om
mp
plliia
an
nc
ce
e
DATE:02/22/2011
NO.60M00014
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H
SHEET 3 OF 7
REV.
2
Data Curve
Load current vs. ambient temperature
Allowable ambient Temperature︰
-40℃ to +85℃
On resistance vs. ambient temperature
across terminals 3 and 4 pin
LED current:5mA
Continuous load current:130mA(DC)
0
-20
-40
0
20 40 60
100
80
140
40
20
60
80
100
120
0
20
-20
-40
0
60
40
80
60
20
30
50
40
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
Turn On Time vs. ambient temperature
Load voltage 400V(DC)
LED current︰5mA
Continuous load current:130mA(DC)
Turn Off Time vs. ambient temperature
Load voltage 400V(DC)
LED current︰5mA
Continuous load current:130mA(DC)
80
0
20
-20
-40
0
40 60
1.0
0.2
0.4
0.6
0.8
0
-40 -20
0
20 40 60 80 100
0.5
0.1
0.2
0.3
0.4
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)


Numéro de pièce similaire - KAQY214H_11

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQY214HA COSMO-KAQY214HA Datasheet
161Kb / 7P
   PRODUCT SPECIFICATION
More results

Description similaire - KAQY214H_11

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com