Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DL-1001R Datasheet(Fiches technique) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Numéro de pièce DL-1001R
Description  Microwave Components
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Site Internet  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

DL-1001R Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  DL-1001R Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Environmentally friendly, using Alminium Nitride (N Series)
Non-cut resistance trimming for high frequency characteristic and stability (Thin film type)
A variety of custom designs are available
Flange Type
SMD Type
Terminators
Microwave Components
HOKURIKU
Details are subject to change without notice.
ab
L
d
c
e
h
T
b
L
d
c
e
h
T
ab
L
d
c
e
h
T
Model No.
Power Rating
W
Impedance
Frequency Characteristics
Freq.(Hz)
VSWR
Fig.
L
W
T
a
b
c
d
e
f
g
h
i
Dimensions (mm)
Model No.
Power Rating
W
Impedance
Frequency Characteristics
Freq.(Hz)
VSWR
Dimensions (mm)
DL-101L/R
DL-601L/R
DL-601
DL-1001L/R
10
60
60
100
50
50
50
50
DC - 4.0G
- 6.0G
DC - 3.0G
- 6.0G
- 6.0G
- 4.0G
DC - 3.0G
DC - 2.0G
1.20
1.30
1.25
1.25
1.25
1.15
1.15
1.10
Fig.A
Fig.B
Fig.C
Fig.A
13.0
7.6
20.3
14.0
5.0
6.3
5.8
9.5
3.5
3.5
3.5
3.5
2.4
3.0
-
3.7
3.8
6.3
14.2
6.6
0.75
1.0
1.0
1.0
3.0
3.2
2- 3.3
4.2
2.85
2.85
2.85
2.65
3.0
3.0
3.0
3.0
0.1
0.1
0.1
0.1
2.0
1.8
1.8
1.5
-
3.0
-
-
Model No. DL-
1L
Model No. DL-
1
DL-
1R: Attachment hole is right side)
Model No. DL-601L
DL-601R: Attachment hole is right side)
Model No. DLS/NDLS
a
b
L
Input
c
d
f
e
Model No. DLG/NDLG
a
b
L
LW
TW
10
20
50
20
50
DLS-1050-1
DLS-2050-1
DLS-5050-1
NDLS-2050-1
NDLS-5050-1
50
50
50
50
50
5.15
6.27
9.50
5.15
6.27
2.55
6.22
9.45
2.55
6.22
2.55
3.02
4.55
0.90
1.00
1.05
1.05
1.30
0.69
0.69
0.90
0.90
0.90
1.50
0.90
0.20
0.60
0.85
0.50
0.60
0.50
0.80
1.05
0.46
0.55
0.50
0.90
1.05
1.06
0.75
0.90
0.70
0.90
0.80
0.80
0.40
0.40
0.40
0.40
0.40
1.25
1.25
1.35
1.25
1.25
DC-2G
DC-2G
DC-2G
DC-2G
DC-2G
Ta
b
c
d
e
f
GND
Input
GND
Fig.A
Fig.B
Fig.C
NDLG-0550-1
NDLG-1050-1
5
10
1.25
1.25
3.05
5.15
1.52
2.55
1.10
0.90
0.69
0.69
0.65
0.90
0.35
0.35
50
50
DC-2G
DC-2G
Model No.
Power Rating
W
Impedance
Frequency Characteristics
Freq.(Hz)
VSWR
Dimensions (mm)
LW
TW
T
a
b


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn