Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD10CG104Z500AR Datasheet(Fiches technique) 1 Page - MERITEK ELECTRONICS CORPORATION

Numéro de pièce AD10CG104Z500AR
Description  Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AD10CG104Z500AR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AD10CG104Z500AR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AD10CG104Z500AR Datenblatt HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Axial Leaded, Epoxy Coated,
Multilayer Ceramic Capacitors
AD Series
Feature
?
Miniature size, wide capacitance, tape and reel
available for auto-placement.
?
Coating by epoxy resin, creates the excellent
humidity resistance and prevents body from
damaging during soldering and washing.
?
Industry standard sizes and various lead spacing
available.
Dimension
PARTNUMBERINGSYSTEM
AD
10
CG
104
Z
500 AR
MeritekSeries
Size10(.15?)/20(.2?)
Dielectric
CODE
CG
XR
YV
NPO
X7R
Y5V
CapacitanceCode
CODE
101
104
223
(pF)
100
100000
22000
(?F)
???
0.1
0.022
Tolerance
CODE
J
K
M
Z
5%
10%
20%
+80%to?20%
RatedVoltage
CODE
500
101
201
50V
100V
200V
Packaging
CODE
AR
BR
AxialTape&Reel
AxialTape&Box


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn