Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7466BRM Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7466BRM
Description  1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7466BRM Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7466BRM Datasheet HTML 3Page - Analog Devices AD7466BRM Datasheet HTML 4Page - Analog Devices AD7466BRM Datasheet HTML 5Page - Analog Devices AD7466BRM Datasheet HTML 6Page - Analog Devices AD7466BRM Datasheet HTML 7Page - Analog Devices AD7466BRM Datasheet HTML 8Page - Analog Devices AD7466BRM Datasheet HTML 9Page - Analog Devices AD7466BRM Datasheet HTML 10Page - Analog Devices AD7466BRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD7466/AD7467/AD7468
–7–
REV. PrC
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line pass-
ing through the endpoints of the ADC transfer function.
For the AD7466/67/68 the endpoints of the transfer
function are zero scale, a point 1 LSB below the first
code transition, and full scale, a point 1 LSB above the
last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1
LSB change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . .
000) to (00 . . . 001) from the ideal, i.e AGND + 1
LSB.
Gain Error
This is the deviation of the last code transition (111 . . .
110) to (111 . . . 111) from the ideal (i.e., VREF – 1LSB)
after the offset error has been adjusted out.
Track/Hold Acquisition Time
The track/hold amplifier returns into track mode at the
end of conversion. Track/Hold acquisition time is the
time required for the output of the track/hold amplifier
to reach its final value, within ±0.5 LSB, after the end
of conversion. See serial interface timing section for
more details.
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distor-
tion) at the output of the A/D converter. The signal is
the rms amplitude of the fundamental. Noise is the sum
of all nonfundamental signals up to half the sampling
frequency (fS/2), excluding dc. The ratio is dependent on
the number of quantization levels in the digitization
process; the more levels, the smaller the quantization
noise. The theoretical signal to (noise + distortion) ratio
for an ideal N-bit converter with a sine wave input is
given by:
Signal to (Noise + Distortion) = (6.02 N + 1.76) dB
Thus for a 12-bit converter, this is 74 dB and for a 10-
bit converter this is 62dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms
sum of harmonics to the fundamental. For the AD7466/
AD7467/AD7468, it is defined as:
where V1 is the rms amplitude of the fundamental and V2,
V3, V4, V5 and V6 are the rms amplitudes of the second
through the sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of
the rms value of the next largest component in the ADC
output spectrum (up to fS/2 and excluding dc) to the rms
value of the fundamental. Normally, the value of this
specification is determined by the largest harmonic in the
spectrum, but for ADCs where the harmonics are buried
in the noise floor, it will be a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities will create
distortion products at sum and difference frequencies of
mfa ± nfb where m, n = 0, 1, 2, 3, etc. Intermodulation
distortion terms are those for which neither m nor n are
equal to zero. For example, the second order terms in-
clude (fa + fb) and (fa – fb), while the third order terms
include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
The AD7466/AD7467/AD7468 are tested using the CCIF
standard where two input frequencies are used. In this
case, the second order terms are usually distanced in fre-
quency from the original sine waves while the third order
terms are usually at a frequency close to the input frequen-
cies. As a result, the second and third order terms are
specified separately. The calculation of the
intermodulation distortion is as per the THD specification
where it is the ratio of the rms sum of the individual dis-
tortion products to the rms amplitude of the sum of the
fundamentals expressed in dBs.
THD (dB )
= 20 log
V2
2 +V
3
2 +V
4
2 +V
5
2 +V
6
2
V1
pecifications


Numéro de pièce similaire - AD7466BRM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7466BRM AD-AD7466BRM Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466BRM-REEL AD-AD7466BRM-REEL Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466BRM-REEL7 AD-AD7466BRM-REEL7 Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466BRMZ AD-AD7466BRMZ Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466BRMZ-REEL AD-AD7466BRMZ-REEL Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results

Description similaire - AD7466BRM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476 Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com