Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7376AN10 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7376AN10
Description  -15 V Operation Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7376AN10 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7376AN10 Datasheet HTML 3Page - Analog Devices AD7376AN10 Datasheet HTML 4Page - Analog Devices AD7376AN10 Datasheet HTML 5Page - Analog Devices AD7376AN10 Datasheet HTML 6Page - Analog Devices AD7376AN10 Datasheet HTML 7Page - Analog Devices AD7376AN10 Datasheet HTML 8Page - Analog Devices AD7376AN10 Datasheet HTML 9Page - Analog Devices AD7376AN10 Datasheet HTML 10Page - Analog Devices AD7376AN10 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7376
–7–
REV. 0
PARAMETRIC TEST CIRCUITS
A
W
B
VMS
DUT
V+ = VDD
1LSB = V+/128
V+
Figure 31. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
NO CONNECT
IW
A
W
B
VMS
DUT
Figure 32. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
RW =
V+
VDD
VW2 - (VW1 + IW [RAW||RBW])
AND VW2 = VMS WHEN IW = 1/R
IW
WHERE VW1 = VMS WHEN IW = 0
IMS
VW
IW = 1V/RNOMINAL
A
W
B
DUT
V+
VMS
Figure 33. Wiper Resistance Test Circuit
PSS (%/%) =
VMS%
V+%
PSRR (dB) = 20LOG
VMS
V+
(
(
V+ = VDD 10% OR VSS 10%
VDD
A
W
B
VMS
V+
VA
Figure 34. Power Supply Sensitivity Test Circuit
(PSS, PSRR)
DUT
A
W
B
VIN
+18V
VOUT
–18V
OP275
Figure 35. Inverting Programmable Gain Test Circuit
A
B
–18V
DUT
W
VIN
+18V
VOUT
OP275
Figure 36. Noninverting Programmable Gain Test Circuit
A
B
–18V
DUT
W
VIN
+18V
VOUT
OP275
Figure 37. Gain vs. Frequency Test Circuit
SUPPLY VOLTAGE (VDD) – Volts
3.5
510
15
20
25
30
3.0
1.0
0
2.5
2.0
VA = +5V
VB = 0V
VSS = 0V
0.5
1.5
Figure 29. Input Logic Threshold Voltage vs.
VDD Supply Voltage
VDD = +15V
VSS = –15V
VDD = +5V
VSS = 0V OR –5V
VLOGIC
510
15
800
0
1600
400
1200
0
Figure 30. Supply Current (IDD) vs. Logic Voltage


Numéro de pièce similaire - AD7376AN10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7376ARUZ10 AD-AD7376ARUZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ10-R7 AD-AD7376ARUZ10-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ100 AD-AD7376ARUZ100 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ100-R7 AD-AD7376ARUZ100-R7 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD7376ARUZ50 AD-AD7376ARUZ50 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
More results

Description similaire - AD7376AN10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com