Moteur de recherche de fiches techniques de composants électroniques |
|
AD734SCHIPS Fiches technique(PDF) 4 Page - Analog Devices |
|
AD734SCHIPS Fiches technique(HTML) 4 Page - Analog Devices |
4 / 12 page AD734 –4– REV. C is typically less than 5 mV, which corresponds to a bias current of only 100 nA. This low bias current ensures that mismatches in the sources resistances at a pair of inputs does not cause an offset error. These currents remain low over the full temperature range and supply voltages. The common-mode range of the X, Y and Z inputs does not fully extend to the supply rails. Nevertheless, it is often possible to operate the AD734 with one terminal of an input pair con- nected to either the positive or negative supply, unlike previous multipliers. The common-mode resistance is several megohms. The full-scale output of ±10 V can be delivered to a load resis- tance of 1 k Ω (although the specifications apply to the standard multiplier load condition of 2 k Ω). The output amplifier is stable driving capacitive loads of at least 100 pF, when a slight increase in bandwidth results from the peaking caused by this capacitance. The 450 V/ µs slew rate of the AD734’s output am- plifier ensures that the bandwidth of 10 MHz can be maintained up to the full output of 20 V pk-pk. Operation at reduced supply voltages is possible, down to ±8 V, with reduced signal levels. Available Transfer Functions The uncommitted (open-loop) transfer function of the AD734 is W = A O X 1 − X 2 () Y 1 − Y 2 () U − Z 1 − Z2 () , (1) where AO is the open-loop gain of the output op-amp, typically 72 dB. When a negative feedback path is provided, the circuit will force the quantity inside the brackets essentially to zero, resulting in the equation (X1 – X2)(Y1 – Y2) = U (Z1 – Z2) (2) This is the most useful generalized transfer function for the AD734; it expresses a balance between the product XY and the product UZ. The absence of the output, W, in this equation only reflects the fact that we have not yet specified which of the inputs is to be connected to the op amp output. Most of the functions of the AD734 (including division, unlike the AD534 in this respect) are realized with Z1 connected to W. So, substituting W in place of Z1 in the above equation results in an output. W = X 1 − X 2 () Y 1 − Y 2 () U + Z 2 . (3) The free input Z2 can be used to sum another signal to the output; in the absence of a product signal, W simply follows the voltage at Z2 with the full 10 MHz bandwidth. When not needed for summation, Z2 should be connected to the ground associated with the load circuit. We can show the allowable polarities in the following shorthand form: ±W () = ±X () ±Y () +U () +± Z. (4) In the recommended direct divider mode, the Y input is set to a fixed voltage (typically 10 V) and U is varied directly; it may have any value from 10 mV to 10 V. The magnitude of the ratio X/U cannot exceed 1.25; for example, the peak X-input for U = 1 V is ±1.25 V. Above this level, clipping occurs at the positive and negative extremities of the X-input. Alternatively, Ru DENOMINATOR CONTROL DD ER ∑ XY/U – Z ∞ HIGH-ACCURACY TRANSLINER MULTIPLIER CORE AD734 X1 X2 U0 U1 U2 Y1 Y2 W Z1 Z2 U X = X1 – X2 Y = Y1 – Y2 Z = Z1 – Z 2 WIF ZIF AO XIF YIF XZ U Figure 1. AD734 Block Diagram FUNCTIONAL DESCRIPTION Figure 1 is a simplified block diagram of the AD734. Operation is similar to that of the industry-standard AD534 and in many applications these parts are pin-compatible. The main functional difference is the provision for direct control of the denominator voltage, U, explained fully on the following page. Internal sig- nals are actually in the form of currents, but the function of the AD734 can be understood using voltages throughout, as shown in this figure. Pins are named using upper-case characters (such as X1, Z2) while the voltages on these pins are denoted by sub- scripted variables (for example, X1, Z2). The AD734’s differential X, Y and Z inputs are handled by wideband interfaces that have low offset, low bias current and low distortion. The AD734 responds to the difference signals X = X1 – X2, Y = Y1 – Y2 and Z = Z1 – Z2, and rejects common-mode voltages on these inputs. The X, Y and Z interfaces provide a nominal full-scale (FS) voltage of ±10 V, but, due to the special design of the input stages, the linear range of the differential input can be as large as ±17 V. Also unlike previous designs, the response on these inputs is not clipped abruptly above ±15 V, but drops to a slope of one half. The bipolar input signals X and Y are multiplied in a translinear core of novel design to generate the product XY/U. The denominator voltage, U, is internally set to an accurate, temperature-stable value of 10 V, derived from a buried-Zener reference. An uncalibrated fraction of the denominator voltage U appears between the voltage reference pin (ER) and the negative supply pin (VN), for use in certain applications where a temperature-compensated voltage reference is desirable. The internal denom-inator, U, can be disabled, by connecting the denominator disable Pin 13 (DD) to the positive supply pin (VP); the denom-inator can then be replaced by a fixed or variable external volt-age ranging from 10 mV to more than 10 V. The high-gain output op-amp nulls the difference between XY/U and an additional signal Z, to generate the final output W. The actual transfer function can take on several forms, de- pending on the connections used. The AD734 can perform all of the functions supported by the AD534, and new functions using the direct-division mode provided by the U-interface. Each input pair (X1 and X2, Y1 and Y2, Z1 and Z2) has a differential input resistance of 50 k Ω; this is formed by “real” resistors (not a small-signal approximation) and is subject to a tolerance of ±20%. The common-mode input resistance is several megohms and the parasitic capacitance is about 2 pF. The bias currents associated with these inputs are nulled by laser-trimming, such that when one input of a pair is optionally ac-coupled and the other is grounded, the residual offset voltage |
Numéro de pièce similaire - AD734SCHIPS |
|
Description similaire - AD734SCHIPS |