Moteur de recherche de fiches techniques de composants électroniques |
|
AD7242JN Fiches technique(PDF) 9 Page - Analog Devices |
|
AD7242JN Fiches technique(HTML) 9 Page - Analog Devices |
9 / 12 page AD7242/AD7244 REV. A –9– MICROPROCESSOR INTERFACING Microprocessor interfacing to the AD7242/AD7244 is via a serial bus that uses standard protocol compatible with DSP processors and microcontrollers. The communication interface consists of a separate transmit section for each of the DACs. Each section has a clock signal, a data signal and a frame or strobe pulse. Figures 7 through 11 show the AD7242/AD7244 configured for interfacing to a number of popular DSP processors and microcontrollers. AD7242/AD7244 to ADSP-2101/ADSP-2102 Interface Figure 7 shows a serial interface between the AD7242/AD7244 and the ADSP-2101/ADSP-2102 DSP processor. The ADSP- 2101/ADSP-2102 has two serial ports and, in the interface shown, both serial ports are used, one for each DAC. Both serial ports do not have to be used; in the case where only one serial port is used, an extra line (DACA/DACB as shown in the other serial interfaces) would have to decode the one TFS line to provide TFSA and TFSB lines for the AD7242/AD7244. Figure 7. AD7242/AD7244 to ADSP-2101/ADSP-2102 Interface The three serial lines of the first serial port, SPORT1, of the ADSP-2101/ADSP-2102 connect directly to the three serial input lines of DACA of the AD7242/AD7244. The three serial lines of SPORT2 connect directly to the three serial lines on the DACB serial input port. Data from the ADSP-2101/ADSP-2102 is valid on the falling edge of SCLK. A common LDAC signal is used to drive the LDACA and LDACB inputs. This is shown to be generated from a timer or clock recovery circuit but another control or address line of the ADSP-2101/ADSP-2102 could be used to drive these inputs. Alternatively, the LDACA and LDACB inputs of the AD7242/AD7244 could be hardwired low; in this case the update of the DAC latches and analog outputs takes place on the 16th falling edge of SCLK (after the respective TFS signal goes low). AD7242/AD7244 to DSP56000 Interface A serial interface between the AD7242/AD7244 and the DSP56000 is shown in Figure 8. The DSP56000 is configured for normal mode, asynchronous operation with gated clock. It is also set up for a 16-bit word with SCK and SC2 as outputs and the FSL control bit set to a 0. SCK is internally generated on the DSP56000 and applied to both the TCLKA and TCLKB inputs of the AD7242/AD7244. Data from the DSP56000 is valid on the falling edge of SCK. The serial data line, STD drives the DTA and DTB serial input data lines of the AD7242/AD7244. The SC2 output provides the framing pulse for valid data. This is an active high output and is gated with a DACA/DACB control line before being applied to the TFSA and TFSB inputs of the AD7242/AD7244. The DACA/DACB line determines which DAC serial data is to be transferred to, i.e., which TFS line is active when SC2 is active. As in the previous interface, a common LDAC input is shown driving the LDACA and LDACB inputs of the AD7242/AD7244. Once again, these LDAC inputs could be hardwired low, in which case VOUTA or VOUTB will be updated on the sixteenth falling edge of SCK after the TFSA or TFSB input goes low. Figure 8. AD7242/AD7244 to DSP56000 Interface |
Numéro de pièce similaire - AD7242JN |
|
Description similaire - AD7242JN |