Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MJ3281A Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MJ3281A
Description  15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ3281A Fiches technique(HTML) 1 Page - Motorola, Inc

  MJ3281A Datasheet HTML 1Page - Motorola, Inc MJ3281A Datasheet HTML 2Page - Motorola, Inc MJ3281A Datasheet HTML 3Page - Motorola, Inc MJ3281A Datasheet HTML 4Page - Motorola, Inc MJ3281A Datasheet HTML 5Page - Motorola, Inc MJ3281A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
Complementary NPN-PNP
Silicon Power Bipolar Transistor
The MJ3281A and MJ1302A are PowerBase power transistors for high power
audio, disk head positioners and other linear applications.
• Designed for 100 W Audio Frequency
• Gain Complementary:
— Gain Linearity from 100 mA to 7 A
— High Gain — 60 to 175
— hFE = 45 (Min) @ IC = 8 A
• Low Harmonic Distortion
• High Safe Operation Area — 1 A/100 V @ 1 sec
• High fT — 30 MHz Typical
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
200
Vdc
Collector–Base Voltage
VCBO
200
Vdc
Emitter–Base Voltage
VEBO
7
Vdc
Collector–Emitter Voltage — 1.5 V
VCEX
200
Vdc
Collector Current — Continuous
Collector Current — Peak (1)
IC
15
25
Adc
Base Current — Continuous
IB
1.5
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25
°C
PD
250
1.43
Watts
W/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.7
°C/W
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle <10%.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ3281A/D
© Motorola, Inc. 1995
MJ3281A
MJ1302A
*
*Motorola Preferred Device
NPN
15 AMPERE
COMPLEMENTARY
SILICON POWER
TRANSISTORS
200 VOLTS
250 WATTS
PNP
*
CASE 1–07
TO–204AA
(TO–3)


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn