Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR15D-2470AZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AMEPR15D-2470AZ
Description  up to 1A | AC-DC / DC-DC LED driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR15D-2470AZ Fiches technique(HTML) 3 Page - AIMTEC

  AMEPR15D-2470AZ Datasheet HTML 1Page - AIMTEC AMEPR15D-2470AZ Datasheet HTML 2Page - AIMTEC AMEPR15D-2470AZ Datasheet HTML 3Page - AIMTEC AMEPR15D-2470AZ Datasheet HTML 4Page - AIMTEC AMEPR15D-2470AZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AMEPR15D-AZ
up to 1A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
3 of 5
North America only
Dimensions
Temperature graph
- 20
0
20
40
60
80
100
100
80
60
40
20
0
55 º C
Safe Operating Area
- 25
Free Air Convection
Ambient Temperature º C


Numéro de pièce similaire - AMEPR15D-2470AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR15D-2470AZ AIMTEC-AMEPR15D-2470AZ Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-2470AZ-110W AIMTEC-AMEPR15D-2470AZ-110W Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-2470AZ-220D AIMTEC-AMEPR15D-2470AZ-220D Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-2470AZ-220W AIMTEC-AMEPR15D-2470AZ-220W Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-2470AZ110D AIMTEC-AMEPR15D-2470AZ110D Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
More results

Description similaire - AMEPR15D-2470AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_16 Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-5030AZUD AIMTEC-AMEPR15D-5030AZUD Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com