Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR15D-4835AZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AMEPR15D-4835AZ
Description  up to 1A | AC-DC / DC-DC LED driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR15D-4835AZ Fiches technique(HTML) 2 Page - AIMTEC

  AMEPR15D-4835AZ Datasheet HTML 1Page - AIMTEC AMEPR15D-4835AZ Datasheet HTML 2Page - AIMTEC AMEPR15D-4835AZ Datasheet HTML 3Page - AIMTEC AMEPR15D-4835AZ Datasheet HTML 4Page - AIMTEC AMEPR15D-4835AZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AMEPR15D-AZ
up to 1A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
2 of 5
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3sec
3000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
65
KHz
Over load protection
110% of Iout
Over voltage protection
110% of Vout
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
With derating over 55°C
-20 to +80
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Plastic
Wires
UL1015 20AWG * 10CM
Weight
200
g
Dimensions (L X H X W)
133 x 33 x 30mm (5.24 x 1.30 x 1.18 inch)
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30 ms
Converter operation
Before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1 mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, CE, FCC
Standards
EN61347-1, EN61347-2-13, IEC62384, UL8750, UL60950-1, EN55015, EN55024
Standards
Radiated and Conducted Emission
FCC Part 15 Subpart B, Class B, ANSI C63.4 :2003
EMI - Conducted and radiated emission
EN 55022
Harmonic Current Emissions
IEC/EN 61000-3-2, (EN60555-2)
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity
IEC 61000-4-5
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Numéro de pièce similaire - AMEPR15D-4835AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR15D-4835AZ AIMTEC-AMEPR15D-4835AZ Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-4835AZ-110W AIMTEC-AMEPR15D-4835AZ-110W Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-4835AZ-220D AIMTEC-AMEPR15D-4835AZ-220D Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-4835AZ-220W AIMTEC-AMEPR15D-4835AZ-220W Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-4835AZ110D AIMTEC-AMEPR15D-4835AZ110D Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
More results

Description similaire - AMEPR15D-4835AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_16 Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-5030AZUD AIMTEC-AMEPR15D-5030AZUD Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com