Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR5-1435AZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AMEPR5-1435AZ
Description  up to 1A | AC-DC / DC-DC LED driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR5-1435AZ Fiches technique(HTML) 3 Page - AIMTEC

  AMEPR5-1435AZ Datasheet HTML 1Page - AIMTEC AMEPR5-1435AZ Datasheet HTML 2Page - AIMTEC AMEPR5-1435AZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMEPR5-AZ
up to 1A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.E
3 of 3
North America only
Dimensions
Temperature Graph
- 20
0
20
40
60
80
100
100
80
60
40
20
0
55 º C
Safe Operating Area
Free Air Convection
Ambient Temperature º C
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5..Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.


Numéro de pièce similaire - AMEPR5-1435AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR5-1435AZ AIMTEC-AMEPR5-1435AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1435AZ AIMTEC-AMEPR5-1435AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
More results

Description similaire - AMEPR5-1435AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_16 Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-5030AZUD AIMTEC-AMEPR15D-5030AZUD Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com