Moteur de recherche de fiches techniques de composants électroniques |
|
AM40UW-2412SH30IZ Fiches technique(PDF) 2 Page - AIMTEC |
|
AM40UW-2412SH30IZ Fiches technique(HTML) 2 Page - AIMTEC |
2 / 5 page Series AM40UW-IZ 40Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12 2 of 5 North America only Input Specifications Parameters Nominal Typical Maximum Units Voltage range VDC 24 9-36 48 18-75 Filter π(Pi) Network Absolute Maximum Rating VDC 24 50 48 100 On/Off control ON –TTL High or Open ; OFF – TTL Low or short Isolation Specifications Parameters Conditions Typical Maximum Units Tested I/O voltage 3 sec 1500 or 3000 VDC Resistance 500VDC >1000 MOhm Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Over voltage protection Zener diode clamp Over current protection >110 FL % Short Circuit protection Continuous Short circuit restart Auto-Restart Line voltage regulation ±0.5 % of Vin Load voltage regulation (Single) Iout=25% to 100% ±0.5 % Load voltage regulation (Dual) Iout=25% to 100% ±2 % Temperature coefficient ±0.05 %/oC Ripple & Noise 20MHz Bandwidth (5 & 3.3Vout) 80 mV p-p All other output models 1 % p-p Vout Voltage adjustment range ±10 % Minimum Load Current 25 % of Max General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 250 KHz Operating temperature -40 to +85 oC Storage temperature -55 to +115 oC Maximum case temperature 100 oC Derating See chart below 45 oC Cooling Free air convection Humidity 95 % RH Case material Nickel – coated Copper with nonconductive base Weight 65 g Dimensions (L x W x H) 2.00 x 2.00 x 0.40 inches 50.81 x 50.81 10.20 mm MTBF >1 500 000 hrs ( MIL-HDBK-217 F at +25 oC) Maximum soldering temperature oC Transient recovery time 50% load step change 280 uS |
Numéro de pièce similaire - AM40UW-2412SH30IZ |
|
Description similaire - AM40UW-2412SH30IZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |