Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15E-1205DZ Datasheet(Fiches technique) 3 Page - AIMTEC

Numéro de pièce AM15E-1205DZ
Description  15 Watt | DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15E-1205DZ Datasheet(HTML) 3 Page - AIMTEC

  AM15E-1205DZ Datenblatt HTML 1Page - AIMTEC AM15E-1205DZ Datenblatt HTML 2Page - AIMTEC AM15E-1205DZ Datasheet HTML 3Page - AIMTEC AM15E-1205DZ Datenblatt HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM15E-Z
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
3 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
200
KHz
Operating temperature
derating above 71ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Potting material
UL94V-0 rated
Weight
30
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.16 mm
MTBF
> 1,121,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Transient recovery time
At nominal input, 25% load step
change (75% - 50% -25% of Iout)
350
mS
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022 (Radiated) – Class A; EN 55024 – Class A; IEC61000-4-2 ; IEC61000-4-3
NOTE: Also designed to meet IEC60950-1:2001
Pin Out Specifications
Dimensions:
Pin
1500VDC
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
+V Output
+V Output
4
No Pin
Common
5
-V Output
-V Output
Notes:
All dimensions are typical
in millimeters (inches).
Tolerance ±0.25 (±0.01)
1
2
3
4
5
Bottom View
DIA
1.00
(0.04)
20.32
(0.80)
15.24
(0.60)
15.24
(0.60)
50.80
(2.00)
Built-in Stand-offs to
ease PCB cleaning


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn