Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15E-1205DZ Datasheet(Fiches technique) 1 Page - AIMTEC

Numéro de pièce AM15E-1205DZ
Description  15 Watt | DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15E-1205DZ Datasheet(HTML) 1 Page - AIMTEC

  AM15E-1205DZ Datasheet HTML 1Page - AIMTEC AM15E-1205DZ Datenblatt HTML 2Page - AIMTEC AM15E-1205DZ Datenblatt HTML 3Page - AIMTEC AM15E-1205DZ Datenblatt HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM15E-Z
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 4
North America only
FEATURES:
• RoHS compliant
• Operating temperature -40oC to + 85oC
• Full SMD internal technology
• Input/Output Isolation 1500VDC
• Wide 2:1 input range
• Continuous short circuit protection
• High efficiency up to 88%
• Pin compatible with multiple manufacturers
• Low profile metal package
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive
load, max
(µF)
Efficiency
(%)
AM15E-1203SZ
9-18
3.3
3
3300
79
AM15E-1205SZ
9-18
5
3
3300
83
AM15E-1207SZ
9-18
7.2
2
2200
83
AM15E-1209SZ
9-18
9
1.66
1000
83
AM15E-1212SZ
9-18
12
1.25
1000
85
AM15E-1215SZ
9-18
15
1
680
85
AM15E-1218SZ
9-18
18
0.8
470
83
AM15E-1224SZ
9-18
24
0.62
470
85
AM15E-2403SZ
18-36
3.3
3
3300
80
AM15E-2405SZ
18-36
5
3
3300
85
AM15E-2407SZ
18-36
7.2
2
2200
84
AM15E-2409SZ
18-36
9
1.66
1000
85
AM15E-2412SZ
18-36
12
1.25
1000
86
AM15E-2415SZ
18-36
15
1
680
88
AM15E-2418SZ
18-36
18
0.8
470
86
AM15E-2424SZ
18-36
24
0.62
470
86
AM15E-4803SZ
36-72
3.3
3
3300
80
AM15E-4805SZ
36-72
5
3
3300
85
AM15E-4807SZ
36-72
7.2
2
2200
85
AM15E-4809SZ
36-72
9
1.66
1000
85
AM15E-4812SZ
36-72
12
1.25
1000
88
AM15E-4815SZ
36-72
15
1
680
87
AM15E-4818SZ
36-72
18
0.8
470
86
AM15E-4824SZ
36-72
24
0.62
470
85
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive
load, max
(µF)
Efficiency
(%)
AM15E-1203DZ
9-18
±3.3
±2
±1000
79
AM15E-1205DZ
9-18
±5
±1.5
±1000
83
AM15E-1207DZ
9-18
±7.2
±1
±680
82
AM15E-1209DZ
9-18
±9
±0.83
±470
82
AM15E-1212DZ
9-18
±12
±0.62
±470
85
AM15E-1215DZ
9-18
±15
±0.5
±330
85
AM15E-1218DZ
9-18
±18
±0.4
±220
82
AM15E-1224DZ
9-18
±24
±0.31
±220
85
AM15E-2403DZ
18-36
±3.3
±2
±1000
80
AM15E-2405DZ
18-36
±5
±1.5
±1000
85
AM15E-2407DZ
18-36
±7.2
±1
±680
82
AM15E-2409DZ
18-36
±9
±0.83
±470
82


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn