Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15T-4815SZ Datasheet(Fiches technique) 2 Page - AIMTEC

Numéro de pièce AM15T-4815SZ
Description  15Watt | DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15T-4815SZ Datasheet(HTML) 2 Page - AIMTEC

  AM15T-4815SZ Datenblatt HTML 1Page - AIMTEC AM15T-4815SZ Datasheet HTML 2Page - AIMTEC AM15T-4815SZ Datenblatt HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM15T-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 3
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Peak Input Voltage time
1000
ms
Input reflected ripple current
20
mA p-p
Quiescent Current
15
mA
On/Off Control
ON – High (3.0 ... 12Vdc) or open circuit;
OFF – Low (0 ... 1.2Vdc) or Short circuit pin1 and pin 2/3
OFF idle current: 5.0 mA typ
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Tested Case/Input and Output
1600
VDC
Resistance
>1000
MOhm
Capacitance
2000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Dual output
±5
%
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0% Load to Full Load
±0.5
%
Load voltage regulation (Dual)
0% Load to Full Load
±1.0
%
Over voltage protection
Zener diode clamp
Over current protection
Full Load
150
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Ripple & Noise
60
m Vp-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Full Load with Derating above 60ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Temperature coefficient
±0.02
%/oC
Derating
Above 60ºC
2.5 % per 1ºC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel-coated Copper
Potting material
UL94V-0 rated
Weight
20.0
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
> 460 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn