Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM15E-2418SZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AM15E-2418SZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-2418SZ Fiches technique(HTML) 3 Page - AIMTEC

  AM15E-2418SZ Datasheet HTML 1Page - AIMTEC AM15E-2418SZ Datasheet HTML 2Page - AIMTEC AM15E-2418SZ Datasheet HTML 3Page - AIMTEC AM15E-2418SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM15E-Z
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
3 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
200
KHz
Operating temperature
derating above 71ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Potting material
UL94V-0 rated
Weight
30
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.16 mm
MTBF
> 1,121,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Transient recovery time
At nominal input, 25% load step
change (75% - 50% -25% of Iout)
350
mS
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022 (Radiated) – Class A; EN 55024 – Class A; IEC61000-4-2 ; IEC61000-4-3
NOTE: Also designed to meet IEC60950-1:2001
Pin Out Specifications
Dimensions:
Pin
1500VDC
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
+V Output
+V Output
4
No Pin
Common
5
-V Output
-V Output
Notes:
All dimensions are typical
in millimeters (inches).
Tolerance ±0.25 (±0.01)
1
2
3
4
5
Bottom View
DIA
1.00
(0.04)
20.32
(0.80)
15.24
(0.60)
15.24
(0.60)
50.80
(2.00)
Built-in Stand-offs to
ease PCB cleaning


Numéro de pièce similaire - AM15E-2418SZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM15E-2418S AIMTEC-AM15E-2418S Datasheet
267Kb / 3P
   15 watt dc-dc converters
More results

Description similaire - AM15E-2418SZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com