Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5TW-4812DZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM5TW-4812DZ
Description  5 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-4812DZ Fiches technique(HTML) 2 Page - AIMTEC

  AM5TW-4812DZ Datasheet HTML 1Page - AIMTEC AM5TW-4812DZ Datasheet HTML 2Page - AIMTEC AM5TW-4812DZ Datasheet HTML 3Page - AIMTEC AM5TW-4812DZ Datasheet HTML 4Page - AIMTEC AM5TW-4812DZ Datasheet HTML 5Page - AIMTEC AM5TW-4812DZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM5TW-Z
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
2 of 6
North America only
Models : Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM5TW-4803DZ
18-72
±3.3
±600
1500
±100
80
AM5TW-4805DZ
18-72
±5
±500
1500
±100
81
AM5TW-4807DZ
18-72
±7.2
±347
1500
±100
80
AM5TW-4809DZ
18-72
±9
±278
1500
±100
82
AM5TW-4812DZ
18-72
±12
±209
1500
±68
82
AM5TW-4815DZ
18-72
±15
±167
1500
±22
83
AM5TW-4818DZ
18-72
±18
±139
1500
±22
82
AM5TW-4824DZ
18-72
±24
±104
1500
±22
82
AM5TW-2403DH35Z
9-36
±3.3
±600
3500
±100
79
AM5TW-2405DH35Z
9-36
±5
±500
3500
±100
81
AM5TW-2407DH35Z
9-36
±7.2
±347
3500
±100
80
AM5TW-2409DH35Z
9-36
±9
±278
3500
±100
82
AM5TW-2412DH35Z
9-36
±12
±209
3500
±68
83
AM5TW-2415DH35Z
9-36
±15
±167
3500
±22
83
AM5TW-2418DH35Z
9-36
±18
±139
3500
±22
83
AM5TW-2424DH35Z
9-36
±24
±104
3500
±22
83
AM5TW-4803DH35Z
18-72
±3.3
±600
3500
±100
80
AM5TW-4805DH35Z
18-72
±5
±500
3500
±100
81
AM5TW-4807DH35Z
18-72
±7.2
±347
3500
±100
80
AM5TW-4809DH35Z
18-72
±9
±278
3500
±100
82
AM5TW-4812DH35Z
18-72
±12
±209
3500
±68
82
AM5TW-4815DH35Z
18-72
±15
±167
3500
±22
83
AM5TW-4818DH35Z
18-72
±18
±139
3500
±22
82
AM5TW-4824DH35Z
18-72
±24
±104
3500
±22
82
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
24 Vin
48 Vin
-0.7-40
-0.7-80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Dual Output
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Over current protection
120% Iout
Line voltage regulation (Single)
±0.5
%
Line voltage regulation (Dual)
±0.5
%
Load voltage regulation (Single)
0 – 100% load
±0.5
%
Load voltage regulation (Single)
3.3V output model
0 – 100% load
±1.5
%
Load voltage regulation (Dual)
0 – 100% load
±0.5
%


Numéro de pièce similaire - AM5TW-4812DZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM5TW-4812DZ AIMTEC-AM5TW-4812DZ Datasheet
130Kb / 5P
   5 Watt | DC-DC Converter
More results

Description similaire - AM5TW-4812DZ

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com