Moteur de recherche de fiches techniques de composants électroniques |
|
AM3Q-4812DZ Fiches technique(PDF) 2 Page - AIMTEC |
|
AM3Q-4812DZ Fiches technique(HTML) 2 Page - AIMTEC |
2 / 3 page Series AM3Q-Z 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.C 2 of 3 North America only Isolation Specifications Parameters Conditions Typical Maximum Units Tested I/O voltage 3sec 500 VAC Resistance 50 MOhm Capacitance 500 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Cross Regulation (Dual Output Models) 25% load on one output 100% load on the other output ±5 % Over voltage protection Zener Diode Clamp 5 6.5 V 12 12 15 18 ±12 ±15 ±15 ±18 Short Circuit protection Continuous Short circuit restart Auto Recovery Line voltage regulation LL-HL ±0.5 % of Vin Load voltage regulation Load:0-100% unbalanced ±1 % Temperature coefficient ±0.02 %/ oC Ripple & Noise 20MHz Bandwidth 50 mV p-p Minimum Load Current 0 % of Max General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 100 KHz Operating temperature Derating above 60ºC -40 to +85 oC Storage temperature -40 to +125 oC Maximum case temperature 100 oC Cooling Free Air Convection Humidity 95 % RH Case material Nickel Coated Copper Weight 16 g Dimensions (L x W x H) 1.37 x 0.90 x 0.28 inches 35.00 x 23.00 x 7.00 mm MTBF >1.6Mhrs ( MIL-HDBK -217F, Ground Benign, t=+25°C ) Transient recovery deviation ±3 % Safety Specifications Parameters Standards Designed to meet IEC/EN 60950-1 Pin Out Specifications Pin Single Dual 1 -V Input -V Input 2 +V Input +V Input 3 +V Output +V Output 4 NP Common 5 -V Output -V Output NP: Not Populated |
Numéro de pièce similaire - AM3Q-4812DZ |
|
Description similaire - AM3Q-4812DZ |