Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3463 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM3463
Description  LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3463 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM3463_12 Datasheet HTML 2Page - Texas Instruments LM3463_12 Datasheet HTML 3Page - Texas Instruments LM3463_12 Datasheet HTML 4Page - Texas Instruments LM3463_12 Datasheet HTML 5Page - Texas Instruments LM3463_12 Datasheet HTML 6Page - Texas Instruments LM3463_12 Datasheet HTML 7Page - Texas Instruments LM3463_12 Datasheet HTML 8Page - Texas Instruments LM3463_12 Datasheet HTML 9Page - Texas Instruments LM3463_12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM3463
SNVS807 – MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to GND
-0.3V to 100V
DR0, DR1, DR2, DR3, DR4, DR5 to GND
-0.3V to 100V
EN
-0.3V to 5.5V
DRVLIM
-0.3V to 6V
Faultb
-0.3V to 20V
All other pins
-0.3V to 7V
ESD Rating
Human Body Model(2)
±2 kV
Storage Temperature
−65°C to +150°C
Junction Temperature (TJ)
−40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
Human Body Model, applicable std. JESD22-A114-C.
Operating Ratings
Supply Voltage Range (VIN)
12V to 95V
Junction Temperature Range (TJ)
−40°C to + 125°C
Thermal Resistance (
θJA)
24°C/W
Thermal Resistance (
θJC)
2.5°C/W
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3463


Numéro de pièce similaire - LM3463_12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3463SQ TI1-LM3463SQ Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463SQX TI1-LM3463SQX Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
More results

Description similaire - LM3463_12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Richco, Inc.
RT8525 RICHCO-RT8525 Datasheet
222Kb / 10P
   Boost Controller with Dimming Control
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
IK Semicon Co., Ltd
IK6207TQ-ER IKSEMICON-IK6207TQ-ER Datasheet
1Mb / 25P
   7-step individual dimming control for each grid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com