Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17522Q5A Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CSD17522Q5A
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17522Q5A Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CSD17522Q5A_11 Datasheet HTML 4Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 5Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 6Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 7Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 8Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 9Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 10Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 11Page - Texas Instruments CSD17522Q5A_11 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
22-Aug-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
CSD17522Q5A
ACTIVE
SON
DQJ
8
2500
Pb-Free (RoHS
Exempt)
CU SN
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Numéro de pièce similaire - CSD17522Q5A_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17522Q5A TI1-CSD17522Q5A Datasheet
282Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD17522Q5A_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD16325Q5 TI1-CSD16325Q5_10 Datasheet
445Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com