Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD524SCHIPS Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD524SCHIPS
Description  Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD524SCHIPS Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD524SCHIPS Datasheet HTML 5Page - Analog Devices AD524SCHIPS Datasheet HTML 6Page - Analog Devices AD524SCHIPS Datasheet HTML 7Page - Analog Devices AD524SCHIPS Datasheet HTML 8Page - Analog Devices AD524SCHIPS Datasheet HTML 9Page - Analog Devices AD524SCHIPS Datasheet HTML 10Page - Analog Devices AD524SCHIPS Datasheet HTML 11Page - Analog Devices AD524SCHIPS Datasheet HTML 12Page - Analog Devices AD524SCHIPS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD524
REV. E
–9–
Voltage offset and drift comprise two components each; input
and output offset and offset drift. Input offset is that component
of offset that is directly proportional to gain i.e., input offset as
measured at the output at G = 100 is 100 times greater than at
G = 1. Output offset is independent of gain. At low gains, out-
put offset drift is dominant, while at high gains input offset drift
dominates. Therefore, the output offset voltage drift is normally
specified as drift at G = 1 (where input effects are insignificant),
while input offset voltage drift is given by drift specification at a
high gain (where output offset effects are negligible). All input-
related numbers are referred to the input (RTI) which is to say
that the effect on the output is “G” times larger. Voltage offset
vs. power supply is also specified at one or more gain settings
and is also RTI.
By separating these errors, one can evaluate the total error inde-
pendent of the gain setting used. In a given gain configuration
both errors can be combined to give a total error referred to the
input (R.T.I.) or output (R.T.O.) by the following formula:
Total Error R.T.I. = input error + (output error/gain)
Total Error R.T.O. = (Gain
× input error) + output error
As an illustration, a typical AD524 might have a +250
µV out-
put offset and a –50
µV input offset. In a unity gain configura-
tion, the total output offset would be 200
µV or the sum of the
two. At a gain of 100, the output offset would be –4.75 mV or:
+250
µV + 100(–50 µV) = –4.75 mV.
The AD524 provides for both input and output offset adjust-
ment. This simplifies very high precision applications and mini-
mize offset voltage changes in switched gain applications. In
such applications the input offset is adjusted first at the highest
programmed gain, then the output offset is adjusted at G = 1.
GAIN
The AD524 has internal high accuracy pretrimmed resistors for
pin programmable gain of 1, 10, 100 and 1000. One of the
preset gains can be selected by pin strapping the appropriate
gain terminal and RG2 together (for G = 1 RG2 is not connected).
–VS
+VS
AD524
G = 10
G = 100
G = 1000
VOUT
OUTPUT
SIGNAL
COMMON
INPUT
OFFSET
NULL
10k
RG1
+INPUT
–INPUT
RG2
Figure 30. Operating Connections for G = 100
The AD524 can be configured for gains other than those that
are internally preset; there are two methods to do this. The first
method uses just an external resistor connected between pins 3
and 16, which programs the gain according to the formula
RG =
40k
G
= –1
(see Figure 31).
For best results RG should be a precision resistor with a low
temperature coefficient. An external RG affects both gain accuracy
and gain drift due to the mismatch between it and the internal
thin-film resistors. Gain accuracy is determined by the tolerance
of the external RG and the absolute accuracy of the internal resis-
tors (
±20%). Gain drift is determined by the mismatch of the
temperature coefficient of RG and the temperature coefficient of
the internal resistors (– 50 ppm/
°C typ).
40,000
2.105
G =
+1 = 20
20%
–VS
+VS
AD524
VOUT
REFERENCE
1k
RG1
+INPUT
–INPUT
RG2
2.105k
1.5k
Figure 31. Operating Connections for G = 20
The second technique uses the internal resistors in parallel with
an external resistor (Figure 32). This technique minimizes the
gain adjustment range and reduces the effects of temperature
coefficient sensitivity.
40,000
4000
||4444.44
G =
+1 = 20
17%
G = 10
*R|G = 10 = 4444.44
*R|G = 100 = 404.04
*R|G = 1000 = 40.04
*NOMINAL ( 20%)
–VS
+VS
AD524
VOUT
REFERENCE
RG1
+INPUT
–INPUT
RG2
4k
Figure 32. Operating Connections for G = 20, Low Gain
T.C. Technique
The AD524 may also be configured to provide gain in the out-
put stage. Figure 33 shows an H pad attenuator connected to
the reference and sense lines of the AD524. R1, R2 and R3
should be made as low as possible to minimize the gain variation
and reduction of CMRR. Varying R2 will precisely set the gain
without affecting CMRR. CMRR is determined by the match of
R1 and R3.
RG2
G = 100
G = 1000
RG1
R2
5k
R3
2.26k
RL
R1
2.26k
G =
(R2||40k ) + R1 + R3
(R2||40k )
(R1 + R2 + R3)||RL
2k
G = 10
–VS
+VS
AD524
VOUT
+INPUT
–INPUT
Figure 33. Gain of 2000


Numéro de pièce similaire - AD524SCHIPS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD524SCHIPS AD-AD524SCHIPS Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524SCHIPS AD-AD524SCHIPS Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524SCHIPS AD-AD524SCHIPS Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD524SCHIPS AD-AD524SCHIPS Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
More results

Description similaire - AD524SCHIPS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com