Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF05MFL Datasheet(Fiches technique) 2 Page - Dc Components

Numéro de pièce UF05MFL
Description  TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

UF05MFL Datasheet(HTML) 2 Page - Dc Components

  UF05MFL Datenblatt HTML 1Page - Dc Components UF05MFL Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (UF05AFL THRU UF05MFL)
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
AMBIENT TEMPERATURE, (OC)
.5
.4
.3
.2
0
0
25
50
75
100
125
150
175
FIG. 2 - MAXIMUM NON-REPETITIVE FOREARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
100
5
10
15
20
25
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
2
4
6
8 10
20
40
60 80
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
80
0.01
10
100
1.0
60
20
40
.01
100
120
140
10
TJ= 25oC
TJ= 75oC
TJ= 125oC
.1
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Pulse Width = 300us
1% Duty Cycle
TJ = 25OC
INSTANTANEOUS FORWARD VOLTAGE, (V)
.01
.1
1.0
10
.4
.6
.8
1.0
1.2
1.4
1.6
UF05AFL~UF05DFL
UF05GFL
UF05JFL~UF05MFL


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn