Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA5956 Fiches technique(PDF) 1 Page - Dc Components

No de pièce SMA5956
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMA5956 Fiches technique(HTML) 1 Page - Dc Components

  SMA5956 Datasheet HTML 1Page - Dc Components SMA5956 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMA5920
THRU
SMA5956
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
Dimensions in inches(millimeters)
Fig. 1 - changes in the power dissipation
due to the ambient temperature.
2
1
Ta(oC)
0
50
100
150
Ambient Temperature.
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
SYMBOL
VALUE
UNITS
Zener Current see Table "Characteristics"
Power Dissipation (Notes 1) at Tamb=25oC
Ptot
1.5
W
Peak Forward Surge Current, 8.3ms single half sine-wave
IFSM
superimposed on rated load (JEDEC Method) (Notes 2)
10
Amps
Maximum Forward Voltage at IF=200mA
VF
1.5
Volts
Operating and Storage Temperature
TJ,Tstg
-55 to + 150
o
C
Notes: 1. Mounted on 5.0mm2 (.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9
10
VZ, Zener Voltage(V)
Fig. 2 - VZ=3.9 Thru 10 Volts
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
*Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
*Polarity: As Marked
* Mounting position: Any
* Weight: 0.064 gram
SMA(DO-214AC)
* Voltage Range:6.2V to 200V
* Build-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Low profile package
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.062(1.60)
.055(1.40)
.012(0.305)
.006(0.152)
.008(0.203)
.002(0.051)
.208(5.28)
.188(4.80)
.060(1.52)
.030(0.76)
.096(2.44)
.078(2.00)
VOLTAGE RANGE - 6.2 to 200 Volts
POWER - 1.5 Watts


Numéro de pièce similaire - SMA5956

FabricantNo de pièceFiches techniqueDescription
logo
Dongguan City Niuhang E...
SMA5956A NIUHANG-SMA5956A Datasheet
512Kb / 3P
   PLASTIC-ENCAPSULATE ZENER DIODE
logo
Shanghai Leiditech Elec...
SMA5956A LEIDITECH-SMA5956A Datasheet
612Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMA5956B SECOS-SMA5956B Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMA5956B ANOVA-SMA5956B Datasheet
268Kb / 3P
   Surface Mount Zener Diodes
More results

Description similaire - SMA5956

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
MMSZ4735A DCCOM-MMSZ4735A Datasheet
63Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
SMA1EZ6.2 DCCOM-SMA1EZ6.2 Datasheet
49Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221B DCCOM-MMSZ5221B Datasheet
234Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221B DCCOM-MMBZ5221B Datasheet
244Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW DCCOM-MMBZ5221BW Datasheet
241Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
DLM4148 DCCOM-DLM4148 Datasheet
248Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts
BZT52C2V4 DCCOM-BZT52C2V4 Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4W DCCOM-BZX84C2V4W Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZT52C2V4S DCCOM-BZT52C2V4S Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com