Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE701325AM+H Fiches technique(PDF) 4 Page - ACE Technology Co., LTD.

No de pièce ACE701325AM+H
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701325AM+H Fiches technique(HTML) 4 Page - ACE Technology Co., LTD.

  ACE701325AM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701325AM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACE701
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
4
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
Vout
2.45
2.5
2.55
V
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Input Voltage
Vin
12
V
Input Current
Lin
Iout=0mA, Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA, Vin:02V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA, Vin:20V
0.6
0.7
V
Quiescent current drawn from
power source
IDD
Without external components,
Vout=Vout x 1.05
4
7
uA
Switch ON Resistance
Rswon
0.4
0.5
Ω
LX leakage current
ILXleak
Vout=Vlx=6V
0.5
5
uA
CE “H” threshold voltage
VCEH
VCE: 02V
0.6
0.9
V
CE “L” threshold voltage
VCEL
VCE: 20V
0.3
0.6
V
Oscillator frequency
FOSC
LX on “L” side Vout=Vout * 0.96
300
350
400
Khz
Oscillator duty cycle
Maxdty
On (Vlx “L”) side
70
75
80
%
Efficiency
η
85
%
Note :
1.
Diode: Schottky type, such as: 1N5817, 1N5819, 1N5822
2.
Inductor: 27uH(R<0.5Ω)
3.
Capacitor: 100uF (Tantalum type)
Typical Application Circuit
D 1N5819
Vin
Vout
L
27uH
LX
LX
OUT
Iout
Cin 47uF
ACE701
GND
Cout
Rload
100uF
Tan


Numéro de pièce similaire - ACE701325AM+H

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE701325AM++ ACE-ACE701325AM+ Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
More results

Description similaire - ACE701325AM+H

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com