Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE701225AM+H Fiches technique(PDF) 2 Page - ACE Technology Co., LTD.

No de pièce ACE701225AM+H
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701225AM+H Fiches technique(HTML) 2 Page - ACE Technology Co., LTD.

  ACE701225AM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701225AM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACE701
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
2
Packaging Type
SOT-89-3
SOT-23-5
5
4
1
2
3
1
2
3
SOT-89-3
SOT-23-5
Description
Function
1
4
VSS(GND)
Ground pin
2
2
VOUT
Output pin, power supply for internal circuits
3
5
LX(Ext)
Switching pin
3
NC
No connection
1
CE
Chip enable pin (active high)
Ordering information
ACE701 X XX XX + H
Output Voltage : 2.5V / 3.0V
….. 6.0V
Function Description :
1 : Internal Tr. Driver, Without Enable circuit
2 : Internal Tr. Driver, With Enable circuit
3 : External Tr. Driver, Without Enable circuit
4 : External Tr. Driver, With Enable circui
Pb - free
BN : SOT-23-5
AM : SOT-89-3
Halogen - free


Numéro de pièce similaire - ACE701225AM+H

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE7010M ACE-ACE7010M Datasheet
504Kb / 7P
   N-Channel 100-V (D-S) MOSFET
VER 1.1
ACE701325AM++ ACE-ACE701325AM+ Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701325AN++ ACE-ACE701325AN+ Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701325BM++ ACE-ACE701325BM+ Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
More results

Description similaire - ACE701225AM+H

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com