Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24LC08BN+TH Fiches technique(PDF) 4 Page - ACE Technology Co., LTD.

No de pièce ACE24LC08BN+TH
Description  Two-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LC08BN+TH Fiches technique(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24LC08BN+TH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LC08BN+TH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ACE24LC02/04/08/16
Two-wire Serial EEPROM
VER 1.6
4
Ordering information
ACE24LC02/04/08/16 XX
+
X
H
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device/Page Addresses (A2, A1, A0):
The A2, A1 and A0 pins are device address inputs that are hard wired for the ACE24LC02, As many as
eight 2K devices may be addressed on a single bus system (device addressing is di scussed in detail
under the Device Addressing section).
The ACE24LC04 uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices
may be addressed on a single bus system. The A0 pins are no connects.
The ACE24LC08 only uses A2 input for hardwire addressing and a total of two 8K devices may be
addressed on a single bus system. The A0 and A1 pins are no connects.
The ACE24LC16 does not use the device address pins, which limits the number of devices on a
single bus to one. The A0, A1 and A2 pins are no connects.
Write Protect (WP):
The ACE24LC02/04/08/16 has a Write Protect pin that provides hardware data protection. The Write Protect
pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is
conceded to Vcc the write protection feature is enabled.
Write Protect Description
WP Pin Status
Part of the Array Protected
ACE24LC02
ACE24LC04
ACE24LC08
ACE24LC16
WP=VCC
Full (2K) Array
Full (4K) Array
Full (8K) Array
Full (16K) Array
WP=GND
Normal Read / Write Operations
Pb - free
U : Tube
T : Tape and Reel
DP : DIP-8
FM : SOP-8
TM : TSSOP-8
BN : SOT-23-5
DM : TDFN-8
Halogen-free


Numéro de pièce similaire - ACE24LC08BN+TH

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24LC08 ACE-ACE24LC08 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24LC08DP+TH ACE-ACE24LC08DP+TH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24LC08DP+UH ACE-ACE24LC08DP+UH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24LC08FM+TH ACE-ACE24LC08FM+TH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24LC08FM+UH ACE-ACE24LC08FM+UH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
More results

Description similaire - ACE24LC08BN+TH

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com