Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE605 Fiches technique(PDF) 5 Page - ACE Technology Co., LTD.

No de pièce ACE605
Description  Ultra Low Dropout 2A CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE605 Fiches technique(HTML) 5 Page - ACE Technology Co., LTD.

  ACE605 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE605
Ultra Low Dropout 2A CMOS LDO
VER 1.3
5
Recommended Work Conditions
Item
Min
Max
Unit
Supply Input Voltage
1.3
5.5
V
Junction Temperature Range
-40
+125
Electrical Characteristics
(Vin=Vout+0.7V, Cin=Cout=10
μF(Ceramic), TA=25℃ unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
(Fixed Output Voltage)
△V
OUT
IOUT=10mA
-2
0
+2
%
Output Voltage Range
(Adjustable)
VOUT ADJ
0.6
4.5
V
Quiescent Current
(Note 6)
IQ
IOUT=0mA, Enable
250
μA
Standby Current
ISTBY
VIN=5.5V, Shutdown
0.1
1
μA
Current Limit
ILIM
2.5
3
3.5
A
Dropout Voltage
(Note 4)
IOUT=0.5A
100
mV
IOUT=1.0A
180
IOUT=2.0A
300
Line Regulation
△V
LINE
VOUT+0.5V<VIN<5.5V
IOUT=10mA
0.035
0.18
%/V
Load Regulation
(Note 5)
(Fixed Output Voltage)
△V
LOAD
1mA< IOUT<2A
15
35
mV
Thermal Shutdown
Temperature
TSD
150
Thermal Shudown Hysteresis
△T
SD
20
En
Threshold
Logic-Low Voltage
VIL
VIN=5.5V
0.4
V
Logic-High Voltage
VIH
VIN=5.5V
1.5
Enable Pin Current
IEN
VIN=5.5V, Enable
0.1
1
μA
ADJ
Reference Voltage Tolerance
VREF
0.587
0.6
0.613
V
Adjust Pin Current
IADJ
VADJ=VREF
10
100
nA
Adjust Pin Threshold
VTH(ADJ)
0.05
0.15
0.2
V


Numéro de pièce similaire - ACE605

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
More results

Description similaire - ACE605

FabricantNo de pièceFiches techniqueDescription
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
   2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5102AQP CYSTEKEC-EM5102AQP Datasheet
950Kb / 12P
   2A Low Dropout LDO
logo
Will Semiconductor Ltd.
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com