Moteur de recherche de fiches techniques de composants électroniques |
|
SB330 Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SB330 Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 2 page TJ =125℃ 0.01 50 0.1 1 10 0 0.2 0.4 0.6 P ulse w idth= 300 s 1% D uty C ycle 1.6 TJ =25℃ S B 320-S B340 SB 350&SB 370 0.8 1.0 1.2 1.4 FIG.4--TYPICAL REVERSE CHARACTERISTICS NUMBER OF CYCLES AT 60Hz FIG.2 --MAXIMUM NON-REPETITIVE FIG.3 --TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE,VOLTS PEAK FORWARD SURGE CURRENT AMBIENT TEMPERATURE, FIG.1 -- FORWARD CURRENT DERATING CURVE PULSE DURATION,Sec PERCENT OF RATED PEAK REVERSE VOLTAGE,% REVERSE VOLTAGE,VOLTS FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE FIG.5--TYPICAL JUNCTION CAPACITANCE 1 TJ=TJMAX 8.3ms Single Half Sine-Wave 20 30 40 10 50 60 80 70 10 100 0.001 020 40 60 100 80 100 TJ=25 TJ=75 ℃ TJ=125 ℃ S B320-SB 340 S B350 &SB 3 70 0.01 1 10 2.0 4.0 0 25 50 75 100 125 150 Resistive or Inductive Load 0.375"(9.5mm) Lead Length 0 175 3.0 1.0 SB320-SB340 SB350&SB370 0.01 0.1 1 10 0.1 1 10 100 100 .2 TJ=25 f=1MHz .1 .4 1.0 2 4 10 20 40 100 50 20 10 100 200 120 SB320-SB370 Schottky Barrier Rectifier Ratings AND Charactieristic Curves http://www.luguang.cn mail:lge@luguang.cn |
Numéro de pièce similaire - SB330 |
|
Description similaire - SB330 |