Moteur de recherche de fiches techniques de composants électroniques |
|
ACE24C02A Fiches technique(PDF) 3 Page - ACE Technology Co., LTD. |
|
ACE24C02A Fiches technique(HTML) 3 Page - ACE Technology Co., LTD. |
3 / 15 page ACE24C02A Two-wire Serial EEPROM VER 1.4 3 Ordering Information ACE24C02A XX + X H Pin Description Serial Clock (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. Serial Data (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open-drain or open-collector devices. Write Protect (WP): The ACE24C02A has a Write Protect pin that provides hardware data protection. The Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is conceded to Vcc the write protection feature is enabled. Write Protect Description WP Pin Status Part of the Array Protected WP=VCC Full (2K) Array WP=GND Normal Read / Write Operations Memory Organization ACE24C02A, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each, the 2K requires an 8-bit data word address for random word addressing. Pb - free U : Tube T : Tape and Reel DP : PDIP-8 FM : SOP-8 TM : TSSOP-8 Halogen - free |
Numéro de pièce similaire - ACE24C02A_11 |
|
Description similaire - ACE24C02A_11 |