Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04-171 Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BZW04-171
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZW04-171 Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZW04-171 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04-171 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04-171 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04-171 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unidirectional
Bidirectional
Min
Max
BZW04P5V 8
BZW04P5V 8B
6.45
7.48
10
BZW04-5V8
BZW04-5V8B
6.45
7.14
10
BZW04P6V 4
BZW04P6V 4B
7.13
8.25
10
BZW04-6V4
BZW04-6V4B
7.13
7.88
10
BZW04P7V 0
BZW04P7V 0B
7.79
9.02
10
BZW04-7V0
BZW04-7V0B
7.79
8.61
10
BZW04P7V 8
BZW04P7V 8B
8.65
10.0
1.0
BZW04-7V8
BZW04-7V8B
8.65
9.55
1.0
BZW04P8V 5
BZW04P8V 5B
9.50
11.0
1.0
BZW04-8V5
BZW04-8V5B
9.50
10.5
1.0
BZW04P9V 4
BZW04P9V 4B
10.5
12.1
1.0
BZW04-9V4
BZW04-9V4B
10.5
11.6
1.0
BZW04P10
BZW04P10B
11.4
13.2
1.0
BZW04-10
BZW04-10B
11.4
12.6
1.0
BZW04P11
BZW04P11B
12.4
14.3
1.0
BZW04-11
BZW04-11B
12.4
13.7
1.0
BZW04P13
BZW04P13B
14.3
16.5
1.0
BZW04-13
BZW04-13B
14.3
15.8
1.0
BZW04P14
BZW04P14B
15.2
17.6
1.0
BZW04-14
BZW04-14B
15.2
16.8
1.0
BZW04P15
BZW04P15B
17.1
19.8
1.0
BZW04-15
BZW04-15B
17.1
18.9
1.0
BZW04P17
BZW04P17B
19.0
22.0
1.0
BZW04-17
BZW04-17B
19.0
21.0
1.0
BZW04P19
BZW04P19B
20.9
24.2
1.0
BZW04-19
BZW04-19B
20.9
23.1
1.0
BZW04P20
BZW04P20B
22.8
26.4
1.0
BZW04-20
BZW04-20B
22.8
25.2
1.0
BZW04P23
BZW04P23B
25.7
29.7
1.0
BZW04-23
BZW04-23B
25.7
28.4
1.0
BZW04P26
BZW04P26B
28.5
33.0
1.0
BZW04-26
BZW04-26B
28.5
31.5
1.0
BZW04P28
BZW04P28B
31.4
36.3
1.0
BZW04-28
BZW04-28B
31.4
34.7
1.0
BZW04P31
BZW04P31B
34.2
39.6
1.0
BZW04-31
BZW04-31B
34.2
37.8
1.0
BZW04P33
BZW04P33B
37.1
42.9
1.0
BZW04-33
BZW04-33B
37.1
41.0
1.0
BZW04P37
BZW04P37B
40.9
47.3
1.0
BZW04-37
BZW04-37B
40.9
45.2
1.0
BZW04P40
BZW04P40B
44.7
51.7
1.0
BZW04-40
BZW04-40B
44.7
49.4
1.0
BZW04P44
BZW04P44B
48.5
56.1
1.0
BZW04-44
BZW04-44B
48.5
53.6
1.0
BZW04P48
BZW04P48B
53.2
61.6
1.0
BZW04-48
BZW04-48B
53.2
58.8
1.0
ELECTRICAL CHARACTERISTICS a t(TA=25
unle ss othe rw ise note d)
7.4
53.9
0.100
23.1
17.1
17.1
15.3
18.8
23.1
20.5
20.5
8.55
0.068
0.073
10.2
0.075
0.075
0.075
0.078
14.5
5.0
0.057
0.057
0.061
0.070
0.061
0.065
0.065
0.096
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
37.5
27.7
27.7
10.7
14.5
13.0
30.6
37.5
0.097
41.5
0.097
28.2
1.0
8.8
45.7
0.098
33.0
15.6
15.6
16.7
30.0
30.0
27.6
27.6
24.0
13.4
38.0
35.4
35.4
33.0
200
14.5
1000
500
500
200
1.0
16.0
19.0
25.7
5.0
5.0
50
50
10
10
9.40
5.80
6.40
6.40
7.02
7.02
9.40
7.78
7.78
8.55
10.5
11.3
11.3
12.1
10.5
5.80
1000
38.0
13.4
14.5
25.6
1.0
1.0
1.0
1.0
9.6
25.7
10.7
12.1
18.8
1.0
13.0
30.6
11.1
10.2
16.7
12.8
5.0
0.078
5.0
22.0
18.2
0.081
5.0
24.0
33.2
1.0
25.2
19.0
21.2
0.084
0.084
0.086
22.0
18.2
0.081
12.8
5.0
9.6
41.5
15.3
1.0
16.0
25.2
13.6
1.0
0.088
13.6
1.0
0.098
17.8
22.5
0.086
1.0
12.0
33.2
0.099
28.2
1.0
8.8
45.7
30.8
1.0
8.0
49.9
Stand-of f
v
oltage
VWM
(V)
0.099
33.3
1.0
7.4
53.9
0.100
30.8
1.0
8.0
Maximum
t
emperature
c
oeff icient
of V (BR)
(%/ )
Breakdow n
v
oltage V (BR)
(V)(NOTE1)
Test
c
urrent
at IT
(mA )
33.3
1.0
25.6
1.0
11.1
5.0
1.0
59.3
Maximum
r
everse
l
eakge
at V WM
ID (NOTE3)(μA)
Maximum
p
eak pulse
IPPM(NOTE2)
(A)
Maximum
c
lamping
v
oltage at
IPPM V C(V)
49.9
17.8
22.5
21.2
1.0
12.0
64.8
0.101
36.8
1.0
6.7
59.3
0.101
36.8
1.0
6.7
70.1
0.101
40.2
1.0
6.2
64.8
0.101
40.2
1.0
6.2
77.0
0.102
43.6
1.0
5.7
70.1
0.102
43.6
1.0
5.7
Device type
0.103
47.8
1.0
5.2
77.0
0.103
47.8
1.0
5.2
BZW04P-5V8--BZW04-376
Transient Voltage Suppressor


Numéro de pièce similaire - BZW04-171

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BZW04-171 STMICROELECTRONICS-BZW04-171 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Taychipst Elec...
BZW04-171 TAYCHIPST-BZW04-171 Datasheet
3Mb / 3P
   Voltage regulator dides
logo
EIC discrete Semiconduc...
BZW04-171 EIC-BZW04-171 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04-171 TAYCHIPST-BZW04-171 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
General Semiconductor
BZW04-171 GE-BZW04-171 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - BZW04-171

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com