Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD22057 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD22057
Description  Single-Supply Sensor Interface Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD22057 Fiches technique(HTML) 2 Page - Analog Devices

  AD22057 Datasheet HTML 1Page - Analog Devices AD22057 Datasheet HTML 2Page - Analog Devices AD22057 Datasheet HTML 3Page - Analog Devices AD22057 Datasheet HTML 4Page - Analog Devices AD22057 Datasheet HTML 5Page - Analog Devices AD22057 Datasheet HTML 6Page - Analog Devices AD22057 Datasheet HTML 7Page - Analog Devices AD22057 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
AD22057N
–40
°C to +125°C
Plastic DIP
N-8
AD22057R
–40
°C to +125°C
Plastic SOIC
SO-8
AD22057R-Reel
–40
°C to +125°C
Tape and Reel
SO-8*
*Quantities must be in increments of 2,500 pieces each.
AD22057–SPECIFICATIONS
REV. A
–2–
(TA = +25 C, VS = +5 V, VCM = 0, RL = 10 k
unless otherwise noted)
Parameter
Comments
Test Conditions
Min
Typ
Max
Units
INPUTS (PINS 1 AND 8)
+CMR
Positive Common-Mode Range
TA = TMIN to TMAX
+24
V
CMR
Negative Common-Mode Range
TA = TMIN to +85°C
–1.0
V
CMRRLF
Common-Mode Rejection Ratio
f
≤ 10 Hz
80
90
dB
CMRRHF
Common-Mode Rejection Ratio
f = 1 kHz
80
90
dB
RINCM
Common-Mode Input Resistance Pin 1 or Pin 8 to Pin 2
180
240
300
k
RMATCH
Matching of Resistances
±0.5
%
RINDIFF
Differential Input Resistance
Pin 1 to Pin 8
280
400
k
PREAMPLIFIER
GCL
Closed-Loop Gain
1
9.7
10.0
10.3
V/V
VO
Output Voltage Range (Pin 3)
+0.01
+4.8
V
RO
Output Resistance
2
97
100
103
k
OUTPUT BUFFER
GCL
Closed-Loop Gain
1
RLOAD ≥ 10 kΩ
1.94
2.0
2.06
V/V
VO
Output Voltage Range
3
+0.02
+4.8
V
RO
Output Resistance (Pin 5)
VO ≥ 0.1 V dc
2.0
OVERALL SYSTEM
G
Gain
1
VO ≥ 0.1 V dc
19.9
20.0
20.1
V/V
Gain Drift
TA = TMIN to TMAX
–62.5
+62.5
ppm/
°C
VOS
Input Offset Voltage
4
–1
0.03
1
mV
Offset Drift
TA = TMIN to TMAX
–12.5
+12.5
µV/°C
OFS
Midscale Offset (Pin 7) Scaling
0.49
0.50
0.51
V/V
Input Resistance
Pin 7 to Pin 2
2.5
3.0
k
IOSC
Short-Circuit Output Current
7
11
25
mA
TA = TMIN to TMAX
527
mA
BW–3 dB
–3 dB Bandwidth
VO = +1 V dc
20
30
kHz
SR
Slew Rate
0.2
V/
µs
NSD
Noise Spectral Density4
f = 100 Hz to 10 kHz
0.2
µV/√Hz
PSR
Power Supply Rejection
VS = 5 V, VO = 1 V to 4.2 V
VS = 24 V, VO = 1 V to 22 V
TA = TMIN to TMAX
VOS
Input Offset Voltage
4
20.0
µV/V
G
Gain
0.05
%/V
POWER SUPPLY
VS
Operating Range
TA = TMIN to TMAX
35
36
V
IS
Quiescent Supply Range
5
TA = +25°C, VS = +5 V
200
500
µA
TEMPERATURE RANGE
TOP
Operating Temperature Range
–40
+125
°C
PACKAGE
Plastic Mini-DIP (N-8)
AD22057N
Plastic SOIC (SO-8)
AD22057R
NOTES
1Specified for default mode i.e., with no external components. The overall gain is trimmed to
±0.5% while the individual gains of A1 and A2 may be subject to a
maximum
±3% tolerance. Note that the actual gain in a particular application can be modified by the use of external resistor networks.
2The actual output resistance of A1 is only a few ohms, but access to this output, via Pin 3, is always through a 100 k
Ω resistor, which is trimmed to ±3%.
3For V
CM ≤ 20 V. For VCM > 20 V, VOL
1 mV/V
× V
CM.
4Referred to the input (Pins 1 and 8).
5With V
DM = 0 V. Differential mode signals are referred to as V DM, while VCM refers to common-mode voltages.
Specifications subject to change without notice.


Numéro de pièce similaire - AD22057

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22057 AD-AD22057 Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057N AD-AD22057N Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057R AD-AD22057R Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057R-Reel AD-AD22057R-Reel Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
More results

Description similaire - AD22057

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050_15 Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
[Old version datasheet]   Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8