Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ14002 Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce MJ14002
Description  60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ14002 Fiches technique(HTML) 5 Page - Motorola, Inc

  MJ14002 Datasheet HTML 1Page - Motorola, Inc MJ14002 Datasheet HTML 2Page - Motorola, Inc MJ14002 Datasheet HTML 3Page - Motorola, Inc MJ14002 Datasheet HTML 4Page - Motorola, Inc MJ14002 Datasheet HTML 5Page - Motorola, Inc MJ14002 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJ14002 MJ14001 MJ14003
5
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 197A–05
TO–204AE (TO–3)
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. BASE
2. EMITTER
CASE: COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.530 REF
38.86 REF
B
0.990
1.050
25.15
26.67
C
0.250
0.335
6.35
8.51
D
0.057
0.063
1.45
1.60
E
0.060
0.070
1.53
1.77
G
0.430 BSC
10.92 BSC
H
0.215 BSC
5.46 BSC
K
0.440
0.480
11.18
12.19
L
0.665 BSC
16.89 BSC
N
0.760
0.830
19.31
21.08
Q
0.151
0.165
3.84
4.19
U
1.187 BSC
30.15 BSC
V
0.131
0.188
3.33
4.77
A
N
E
C
K
–T– SEATING
PLANE
2 PL
D
M
Q
M
0.30 (0.012)
Y M
T
M
Y
M
0.25 (0.010)
T
–Q–
–Y–
2
1
L
G
B
V
H
U


Numéro de pièce similaire - MJ14002

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ14002 ONSEMI-MJ14002 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
logo
Seme LAB
MJ14002 SEME-LAB-MJ14002 Datasheet
10Kb / 1P
   MJ14002
logo
ON Semiconductor
MJ14002 ONSEMI-MJ14002 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
Inchange Semiconductor ...
MJ14002 ISC-MJ14002 Datasheet
291Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ14002 NJSEMI-MJ14002 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
More results

Description similaire - MJ14002

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
Central Semiconductor C...
MJE240 CENTRAL-MJE240_15 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
2N4123 CENTRAL-2N4123_15 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Motorola, Inc
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com