Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD215BY Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD215BY
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD215BY Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD215BY Datasheet HTML 4Page - Analog Devices AD215BY Datasheet HTML 5Page - Analog Devices AD215BY Datasheet HTML 6Page - Analog Devices AD215BY Datasheet HTML 7Page - Analog Devices AD215BY Datasheet HTML 8Page - Analog Devices AD215BY Datasheet HTML 9Page - Analog Devices AD215BY Datasheet HTML 10Page - Analog Devices AD215BY Datasheet HTML 11Page - Analog Devices AD215BY Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD215
REV. 0
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AD215 SIP PACKAGE
0.094 (2.4)
0.12 (3.0) TYP
30° TYP
0.020 (0.5)
0.015 (0.4)
2.480 (63.0) MAX
0.815
(20.7)
0.010
(0.25)
0.165 (4.2)
0.135 (3.4)
0.840
(21.4)
MAX
0.325 (8.3)
MAX
36 38
37
42 44
43
BOTTOM VIEW OF
FOOTPRINT
0.712 (18.2)
4
6
2
3
5
0.712 (18.2)
0.1
(2.5)
0.11 (2.8)
0.11 (2.8)
0.2
(5.1)
0.1 (2.5)
0.325
(8.3)
MAX
0.022 (0.56)
1.50 (38.1)
1
0.250
(6.4)
2.15 (54.6)
0.05 (1.3)
0.16 (4.1)
0.16 (4.1)
0.1 (2.5)
NOTE: PINS MEASURE 0.022 (0.56) x 0.010 (0.25) PRIOR TO TINNING.
TINNING MAY ADD UP TO 3 mils (0.003") TO THESE DIMENSIONS.
C
L


Numéro de pièce similaire - AD215BY

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD215BY ETC2-AD215BY Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - AD215BY

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD215 AD-AD215_15 Datasheet
237Kb / 12P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
AD215 AD-AD215_16 Datasheet
266Kb / 13P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
logo
Allegro MicroSystems
ACS716 ALLEGRO-ACS716_16 Datasheet
913Kb / 22P
   120 kHz Bandwidth, High-Voltage Isolation
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
   120 kHz Bandwidth, High-Voltage Isolation
logo
Analog Devices
AD203SN AD-AD203SN Datasheet
776Kb / 12P
   Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
REV. A
AD203SN AD-AD203SN_16 Datasheet
1Mb / 14P
   Rugged, Military Temperature Range, 1 0 kHz Bandwidth Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710 Datasheet
459Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS716 ALLEGRO-ACS716 Datasheet
486Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC212KSIT SECELECTRONICS-SC212KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com