Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1896AYRS Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD1896AYRS
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1896AYRS Fiches technique(HTML) 5 Page - Analog Devices

  AD1896AYRS Datasheet HTML 1Page - Analog Devices AD1896AYRS Datasheet HTML 2Page - Analog Devices AD1896AYRS Datasheet HTML 3Page - Analog Devices AD1896AYRS Datasheet HTML 4Page - Analog Devices AD1896AYRS Datasheet HTML 5Page - Analog Devices AD1896AYRS Datasheet HTML 6Page - Analog Devices AD1896AYRS Datasheet HTML 7Page - Analog Devices AD1896AYRS Datasheet HTML 8Page - Analog Devices AD1896AYRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. A
–5–
AD1896
DIGITAL FILTERS (VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
Min
Typ
Max
Unit
Pass-Band
0.4535 fS_OUT
Hz
Pass-Band Ripple
±0.016
dB
Transition Band
0.4535 fS_OUT
0.5465 fS_OUT
Hz
Stop-Band
0.5465 fS_OUT
Hz
Stop-Band Attenuation
–125
dB
Group Delay
Refer to the Group Delay Equations section.
Specifications subject to change without notice.
DIGITAL I/O CHARACTERISTICS (VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
Min
Typ
Max
Unit
Input Voltage High (VIH)
2.4
Input Voltage Low (VIL)
0.8
V
Input Leakage (IIH @ VIH = 5 V)
1
+2
mA
Input Leakage (IIL @ VIL = 0 V)
1
–2
mA
Input Leakage (IIH @ VIH = 5 V)
2
+150
mA
Input Leakage (IIL @ VIL = 0 V)
2
–150
mA
Input Capacitance
5
10
pF
Output Voltage High (VOH @ IOH = –4 mA)
VDD_CORE – 0.5
VDD_CORE – 0.4
V
Output Voltage Low (VOL @ IOL = +4 mA)
0.2
0.5
V
Output Source Current High (IOH)–4
mA
Output Sink Current Low (IOL)+4
mA
NOTES
1All input pins except GRPDLYS.
2GRPDLYS pin only.
Specifications subject to change without notice.
POWER SUPPLIES
Parameter
Min
Typ
Max
Unit
Supply Voltage
VDD_CORE
3.135
3.3
3.465
V
VDD_IO
*
VDD_CORE
3.3/5.0
5.5
V
Active Supply Current
I_CORE_ACTIVE
48 kHz:48 kHz
20
mA
96 kHz:96 kHz
26
mA
192 kHz:192 kHz
43
mA
I_IO_ACTIVE
2
mA
Power-Down Supply Current: (All Clocks Stopped)
I_CORE_PWRDN
0.5
mA
I_IO_PWRDN
10
mA
*For 3.3 V tolerant inputs, VDD_IO supply should be set to 3.3 V; however, VDD_CORE supply voltage should not exceed VDD_IO.
Specifications subject to change without notice.


Numéro de pièce similaire - AD1896AYRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results

Description similaire - AD1896AYRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com