Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD1958 Datasheet(Fiches technique) 3 Page - Analog Devices

Numéro de pièce AD1958
Description  PLL/Multibit DAC
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1958 Datasheet(HTML) 3 Page - Analog Devices

  AD1958 Datenblatt HTML 1Page - Analog Devices AD1958 Datenblatt HTML 2Page - Analog Devices AD1958 Datasheet HTML 3Page - Analog Devices AD1958 Datenblatt HTML 4Page - Analog Devices AD1958 Datenblatt HTML 5Page - Analog Devices AD1958 Datenblatt HTML 6Page - Analog Devices AD1958 Datenblatt HTML 7Page - Analog Devices AD1958 Datenblatt HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
–3–
AD1958
TEMPERATURE RANGE
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+105
*
°C
Storage
–55
+125
°C
NOTE
*105
°C ambient guaranteed for a 4-layer board, two 1 oz. planes, two 2 oz. signal layers. Derate to 85°C for 2-layer board, 2 oz. layers.
Specifications subject to change without notice.
POWER
Min
Typ
Max
Unit
Supplies
Voltage, Analog Digital PLL
4.50
5
5.50
V
Analog Current
36
41
mA
Digital Current
25
29
mA
PLL Current
30
34
mA
Dissipation
Operation—All Supplies
455
540
mW
Operation—Analog Supply
180
mW
Operation—Digital Supply
125
mW
Operation—PLL Supply
150
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
Specifications subject to change without notice.
DIGITAL FILTER CHARACTERISTICS
Sample Rate (kHz)
Pass Band (kHz)
Stop Band (kHz)
Stop Band Attenuation (dB)
Pass Band Ripple (dB)
44.1
DC–20
24.1–328.7
75
±0.0002
48
DC–21.8
26.23–358.28
75
±0.0002
96
DC–39.95
56.9–327.65
75
±0.0005
192
DC–87.2
117–327.65
60
0/–0.04 (DC–21.8 kHz)
0/–0.5 (DC–65.4 kHz)
0/–1.5 (DC–87.2 kHz)
Specifications subject to change without notice.
GROUP DELAY
Chip Mode
Group Delay Calculation
fS
Group Delay
Unit
INT8
× Mode
24.625/fS
48 kHz
513
µs
INT4
× Mode
15.75/fS
96 kHz
164
µs
INT2
× Mode
14/fS
192 kHz
72.91
µs
Specifications subject to change without notice.
DIGITAL TIMING (Guaranteed over –40
°C to +105 C, AVDD = DVDD = PVDD = 5.0 V
10%)
Min
Unit
tDMP
MCLK Period (FMCLK = 256
× FLRCLK)
54
ns
tDML
MCLK LO Pulsewidth (All Modes)
15
ns
tDMH
MCLK HI Pulsewidth (All Modes)
10
ns
tDBH
BCLK HI Pulsewidth
20
ns
tDBL
BCLK LO Pulsewidth
20
ns
tDBP
BCLK Period
60
ns
tDLS
LRCLK Setup
20
ns
tDLH
LRCLK Hold (DSP Serial Port Mode Only)
20
ns
tDDS
SDATA Setup
15
ns
tDDH
SDATA Hold
15
ns
tRSTL
RST LO Pulsewidth
15
ns
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8