Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1891JP Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD1891JP
Description  SamplePort Stereo Asynchronous Sample Rate Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1891JP Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD1891JP Datasheet HTML 3Page - Analog Devices AD1891JP Datasheet HTML 4Page - Analog Devices AD1891JP Datasheet HTML 5Page - Analog Devices AD1891JP Datasheet HTML 6Page - Analog Devices AD1891JP Datasheet HTML 7Page - Analog Devices AD1891JP Datasheet HTML 8Page - Analog Devices AD1891JP Datasheet HTML 9Page - Analog Devices AD1891JP Datasheet HTML 10Page - Analog Devices AD1891JP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1890/AD1891
REV. 0
–7–
THEORY OF OPERATION
There are at least two logically equivalent methods of explaining
the concept of asynchronous sample rate conversion: the high
speed interpolation/decimation model and the polyphase filter
bank model. Using the AD1890 and AD1891 SamplePorts does
not require understanding either model. This section is included
for those who wish a deeper understanding of their operation.
Interpolation/Decimation Model
In the high speed interpolation/decimation model, illustrated in
Figure 1, the sampled data input signal (Plot A in Figure 1) is
interpolated at some ratio (IRATIO) by inserting IRATIO-1
zero valued samples between each of the original input signal
samples (Plot B in Figure 1). The frequency domain characteris-
tics of the input signal are unaltered by this operation, except
that the zero-padded sequence is considered to be sampled at a
frequency which is the product of original sampling frequency
multiplied by IRATIO.
The zero-padded values are fed into a digital FIR low-pass filter
(Plot C in Figure 1) to smooth or integrate the sequence, and
limit the bandwidth of the filter output to 20 kHz. The interpo-
lated output signal has been quantized to a much finer time
scale than the original sequence. The interpolated sequence is
then passed to a zero-order hold functional block (physically
implemented as a register, Plot D in Figure 1) and then asyn-
chronously resampled at the output sample frequency (Plot E in
Figure 1). This resampling can be thought of as a decimation
operation since only a very few samples out of the great many
interpolated samples are retained. The output values represent
the “nearest” values, in a temporal sense, produced by the inter-
polation operation. There is always some error in the output
sample amplitude due to the fact that the output sampling
switch does not close at a time that exactly corresponds to a
point on the fine time scale of the interpolated sequence. How-
ever, this error can be made arbitrarily small by using a very
large interpolation ratio. The AD1890/AD1891 SamplePort
ASRCs use an equivalent IRATIO of 65,536 to provide 16-bit
accuracy (
≈ –96 dB THD+N) across the 0 to 20 kHz audio
band.
The number of FIR filter taps and associated coefficients is
approximately 4 million. The equivalent FIR filter convolution
frequency (or “upsample” frequency) is 3.2768 GHz, and the
fine time scale has resolution of about 300 ps. Various propri-
etary efficiencies are exploited in the AD1890/AD1891 ASRCs
to reduce the complexity and throughput requirements of the
hardware implied by this interpolation/decimation model.
INPUT
SIGNAL
OUTPUT
SIGNAL
ZERO STUFF
INTERPOLATION
FIR LOW
PASS
FILTER
ZERO ORDER
HOLD
REGISTER
RESAMPLING
DECIMATION
A
BC
DE
B
C
D
E
A
TIME
AMP
Figure 1. Interpolation/Decimation Model—Time Domain View


Numéro de pièce similaire - AD1891JP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

Description similaire - AD1891JP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com