Moteur de recherche de fiches techniques de composants électroniques |
|
AD5144ABRUZ100 Fiches technique(PDF) 10 Page - Analog Devices |
|
AD5144ABRUZ100 Fiches technique(HTML) 10 Page - Analog Devices |
10 / 36 page AD5124/AD5144/AD5144A Data Sheet Rev. A | Page 10 of 36 INTERFACE TIMING SPECIFICATIONS VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. Table 4. SPI Interface Parameter1 Test Conditions/Comments Min Typ Max Unit Description t1 VLOGIC > 1.8 V 20 ns SCLK cycle time VLOGIC = 1.8 V 30 ns t2 VLOGIC > 1.8 V 10 ns SCLK high time VLOGIC = 1.8 V 15 ns t3 VLOGIC > 1.8 V 10 ns SCLK low time VLOGIC = 1.8 V 15 ns t4 10 ns SYNC-to-SCLK falling edge setup time t5 5 ns Data setup time t6 5 ns Data hold time t7 10 ns SYNC rising edge to next SCLK fall ignored t82 20 ns Minimum SYNC high time t93 50 ns SCLK rising edge to SDO valid t10 500 ns SYNC rising edge to SDO pin disable 1 All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. 2 Refer to t EEPROM_PROGRAM and tEEPROM_READBACK for memory commands operations (see Table 6). 3 RPULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF. Table 5. I2C Interface Parameter1 Test Conditions/Comments Min Typ Max Unit Description fSCL2 Standard mode 100 kHz Serial clock frequency Fast mode 400 kHz t1 Standard mode 4.0 µs SCL high time, tHIGH Fast mode 0.6 µs t2 Standard mode 4.7 µs SCL low time, tLOW Fast mode 1.3 µs t3 Standard mode 250 ns Data setup time, tSU; DAT Fast mode 100 ns t4 Standard mode 0 3.45 µs Data hold time, tHD; DAT Fast mode 0 0.9 µs t5 Standard mode 4.7 µs Setup time for a repeated start condition, tSU; STA Fast mode 0.6 µs t6 Standard mode 4 µs Hold time (repeated) for a start condition, tHD; STA Fast mode 0.6 µs t7 Standard mode 4.7 µs Bus free time between a stop and a start condition, tBUF Fast mode 1.3 µs t8 Standard mode 4 µs Setup time for a stop condition, tSU; STO Fast mode 0.6 µs t9 Standard mode 1000 ns Rise time of SDA signal, tRDA Fast mode 20 + 0.1 CL 300 ns t10 Standard mode 300 ns Fall time of SDA signal, tFDA Fast mode 20 + 0.1 CL 300 ns t11 Standard mode 1000 ns Rise time of SCL signal, tRCL Fast mode 20 + 0.1 CL 300 ns t11A Standard mode 1000 ns Rise time of SCL signal after a repeated start condition and after an acknowledge bit, tRCL1 (not shown in Figure 5) Fast mode 20 + 0.1 CL 300 ns |
Numéro de pièce similaire - AD5144ABRUZ100 |
|
Description similaire - AD5144ABRUZ100 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |