Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5144BRUZ10-RL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5144BRUZ10-RL7
Description  The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5144BRUZ10-RL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5144BRUZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 11Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 12Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 13Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 14Page - Analog Devices AD5144BRUZ10-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD5124/AD5144/AD5144A
Rev. A | Page 11 of 36
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t12
Standard mode
300
ns
Fall time of SCL signal, tFCL
Fast mode
20 + 0.1 CL
300
ns
tSP3
Fast mode
0
50
ns
Pulse width of suppressed spike
1 Maximum bus capacitance is limited to 400 pF.
2 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate; however, it has a negative effect on the
EMC behavior of the part.
3 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode.
Table 6. Control Pins
Parameter
Min
Typ
Max
Unit
Description
t1
1
μs
End command to LRDAC falling edge
t2
50
ns
Minimum LRDAC low time
t3
0.1
10
μs
RESET low time
tEEPROM_PROGRAM
1
15
50
ms
Memory program time (not shown in Figure 8)
tEEPROM_READBACK
7
30
μs
Memory readback time (not shown in Figure 8)
tPOWER_UP2
75
μs
Start-up time (not shown in Figure 8)
tRESET
30
μs
Reset EEPROM restore time (not shown in Figure 8)
1 EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at lower temperatures and higher write cycles.
2 Maximum time after VDD − VSS is equal to 2.3 V.
SHIFT REGISTER AND TIMING DIAGRAMS
DATA BITS
DB8
DB15 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS
A0
A1
A2
C2
C1
C0
A3
C3
CONTROL BITS
DB7
Figure 4. Input Shift Register Contents
t7
t6
t2
t4
t11
t12
t6
t5
t10
t1
SCL
SDA
PS
S
P
t3
t8
t9
Figure 5. I2C Serial Interface Timing Diagram (Typical Write Sequence)


Numéro de pièce similaire - AD5144BRUZ10-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5144BRUZ10-RL7 AD-AD5144BRUZ10-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5144BRUZ10-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5122 AD-AD5122 Datasheet
649Kb / 32P
   The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com