Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5144BRUZ100 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5144BRUZ100
Description  The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5144BRUZ100 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5144BRUZ100 Datasheet HTML 6Page - Analog Devices AD5144BRUZ100 Datasheet HTML 7Page - Analog Devices AD5144BRUZ100 Datasheet HTML 8Page - Analog Devices AD5144BRUZ100 Datasheet HTML 9Page - Analog Devices AD5144BRUZ100 Datasheet HTML 10Page - Analog Devices AD5144BRUZ100 Datasheet HTML 11Page - Analog Devices AD5144BRUZ100 Datasheet HTML 12Page - Analog Devices AD5144BRUZ100 Datasheet HTML 13Page - Analog Devices AD5144BRUZ100 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD5124/AD5144/AD5144A
Data Sheet
Rev. A | Page 10 of 36
INTERFACE TIMING SPECIFICATIONS
VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4. SPI Interface
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t1
VLOGIC > 1.8 V
20
ns
SCLK cycle time
VLOGIC = 1.8 V
30
ns
t2
VLOGIC > 1.8 V
10
ns
SCLK high time
VLOGIC = 1.8 V
15
ns
t3
VLOGIC > 1.8 V
10
ns
SCLK low time
VLOGIC = 1.8 V
15
ns
t4
10
ns
SYNC-to-SCLK falling edge setup time
t5
5
ns
Data setup time
t6
5
ns
Data hold time
t7
10
ns
SYNC rising edge to next SCLK fall ignored
t82
20
ns
Minimum SYNC high time
t93
50
ns
SCLK rising edge to SDO valid
t10
500
ns
SYNC rising edge to SDO pin disable
1
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
Refer to t
EEPROM_PROGRAM
and tEEPROM_READBACK for memory commands operations (see Table 6).
3
RPULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF.
Table 5. I2C Interface
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
fSCL2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t1
Standard mode
4.0
µs
SCL high time, tHIGH
Fast mode
0.6
µs
t2
Standard mode
4.7
µs
SCL low time, tLOW
Fast mode
1.3
µs
t3
Standard mode
250
ns
Data setup time, tSU; DAT
Fast mode
100
ns
t4
Standard mode
0
3.45
µs
Data hold time, tHD; DAT
Fast mode
0
0.9
µs
t5
Standard mode
4.7
µs
Setup time for a repeated start condition, tSU; STA
Fast mode
0.6
µs
t6
Standard mode
4
µs
Hold time (repeated) for a start condition, tHD; STA
Fast mode
0.6
µs
t7
Standard mode
4.7
µs
Bus free time between a stop and a start condition, tBUF
Fast mode
1.3
µs
t8
Standard mode
4
µs
Setup time for a stop condition, tSU; STO
Fast mode
0.6
µs
t9
Standard mode
1000
ns
Rise time of SDA signal, tRDA
Fast mode
20 + 0.1 CL
300
ns
t10
Standard mode
300
ns
Fall time of SDA signal, tFDA
Fast mode
20 + 0.1 CL
300
ns
t11
Standard mode
1000
ns
Rise time of SCL signal, tRCL
Fast mode
20 + 0.1 CL
300
ns
t11A
Standard mode
1000
ns
Rise time of SCL signal after a repeated start condition
and after an acknowledge bit, tRCL1 (not shown in Figure 5)
Fast mode
20 + 0.1 CL
300
ns


Numéro de pièce similaire - AD5144BRUZ100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5144BRUZ100 AD-AD5144BRUZ100 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5144BRUZ100-RL7 AD-AD5144BRUZ100-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5144BRUZ100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5122 AD-AD5122 Datasheet
649Kb / 32P
   The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com