Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5142ABRUZ10 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5142ABRUZ10
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5142ABRUZ10 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5142ABRUZ10 Datasheet HTML 6Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 7Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 8Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 9Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 10Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 11Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 12Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 13Page - Analog Devices AD5142ABRUZ10 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5122A/AD5142A
Data Sheet
Rev. A | Page 10 of 32
SHIFT REGISTER AND TIMING DIAGRAMS
DATA BITS
DB8
DB15 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS
A0
A1
A2
C2
C1
C0
A3
C3
CONTROL BITS
DB7
Figure 2. Input Shift Register Contents
t7
t6
t2
t4
t11
t12
t6
t5
t10
t1
SCL
SDA
PS
S
P
t3
t8
t9
Figure 3. I2C Serial Interface Timing Diagram (Typical Write Sequence)


Numéro de pièce similaire - AD5142ABRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5142ABRUZ10 AD-AD5142ABRUZ10 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ10-RL7 AD-AD5142ABRUZ10-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ100 AD-AD5142ABRUZ100 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ100-RL7 AD-AD5142ABRUZ100-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5142ABRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADG721 AD-ADG721_11 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
   Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com